Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROCESS Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # PROCESS
Description  Process
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

PROCESS Datasheet(HTML) 1 Page - NOSHOK, INC.

  PROCESS Datasheet HTML 1Page - NOSHOK, INC. PROCESS Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
Process
Dial Indicating Pressure Gauges
600/700
600/700SERIES
SERIES
SPECIFICATIONS
Pressure
ranges
600/700 Series
Vacuum and compound ranges through 0 psi to
15,000 psi
700 (low pressure)
Vacuum inH
20 to 10 psi
Accuracy
600/700 Series
±0.5% full scale
700 (low pressure)
±1.6% full scale
Temperature
ranges
*
45-640
Media -4 °F to 150 °F (-20 °C to 65 °C)
Ambient -40 °F to 150 °F (-40 °C to 65 °C)
45-740
Media -40 °F to 212 °F (-40 °C to 100 °C)
500 °F (260 °C) Maximum for short term/intermittent
Ambient -40 °F to 150 °F (-40 °C to 65 °C)
45-740 (low pressure)
Media -4 °F to 212 °F (-20 °C to 100 °C)
Ambient -4 °F to 140 °F (-20 °C to 60 °C)
45-660
Media -4 °F to 150 °F (-20 °C to 65 °C) Glycerin fill
-40 °F to 150 °F (-40 °C to 65 °C) Special fill
Ambient -4 °F to 150 °F (-20 °C to 65 °C) Glycerin fill
-40 °F to 150 °F (-40 °C to 65 °C) Special fill
45-760
Media -4 °F to 212 °F (-20 °C to 100 °C) Glycerin fill
-40 °F to 212 °F (-40 °C to 100 °C) Special fill
250 °F (130 °C) Maximum for short term/intermit-
tent Ambient -4 °F to 150 °F (-20 °C to 65 °C)
Glycerin fill
-40 °F to 150 °F (-40 °C to 65 °C) Special fill
Case
600/700 Series
Turret style black Polypropylene case
Solid front with blow-out back
700 Series (low pressure)
Turret style black PBT safety case
Solid front with blow-out back
Bayonet ring 600/700 Series (all)
Threaded black PBT
Lens
600/700 Series (all)
Acrylic
Measuring
Element
45-640, 45-660 (≤ 600 psi)
Copper alloy C-Type Bourdon tube
45-740, 45-760 (≤ 600 psi)
316 Stainless Steel C-Type Bourdon tube
45-740 (low pressure)
316 Stainless Steel diaphragm capsule
600/700 Series (all) (>600 psi)
316 Stainless Steel coiled safety Bourdon tube
Connection
45-640, 45-660
1/4″ NPT, brass
45-740, 45-760
1/4″ NPT or 1/2″ NPT, 316 Stainless Steel
Movement
45-640, 45-660
Brass and nickel-silver with highly polished bear-
ing surfaces. An internal zero stop is standard.
45-740, 45-760
Stainless steel with highly polished bearing
surfaces. An internal zero stop is standard.
Pointer
600/700 Series (all)
Balanced micro-adjustable aluminum, black finish
Dial
600/700 Series (all)
Aluminum, white background with black scale.
UV resistant.
Fill liquid **
45-660, 45-760
Glycerin
• Turret style dry (field fillable) and liquid filled process gauges
• Vacuum and compound ranges through 0 psi to 15,000 psi
• 4-1/2" gauge sizes
• Solid front and blow-out back
• Black Polypropylene safety case,
700 Series low pressure - black PBT safety case
• 316 Stainless Steel or Brass wetted parts
APPLICATIONS
■
Injection molding machines
■
Laboratory & test equipment
■
Power generation
■
Oil field & offshore
■
Utilities
■
Water & wastewater
For details on accuracy/standard dial configuration
and dial layouts, see pages 52-56.
OPERATING SPECIFICATIONS
1. Working Pressure Limitations
a. Dynamic Pressure
The working pressure should be
limited to 60% of the dial range.
Max. 0.9x full scale.
b. Static Pressure
The working pressure, where no
sharp fluctuations occur, should be
limited to 90% of the dial range.
Max. 1x full scale.
c. Short term max. 1.5x full scale
(<10,000 psi).
* For every 18 °F (10 °C) shift in temperature from
which the gauge is calibrated, the user can
experience up to ±0.4% additional error.
** See page 51 for gauge fill options.
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - PROCESS

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
PROCESSING-HEAD COHERENT-PROCESSING-HEAD Datasheet
289Kb / 2P
Processing Head for Diode Lasers Compact Series
logo
MKS Instruments.
PROCESSSENSE-TFS MKS-PROCESSSENSE-TFS Datasheet
247Kb / 2P
Highly repeatable endpoint Sensor for chamber clean processes
More results

Similar Description - PROCESS

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTB5051UVJ PERKINELMER-VTB5051UVJ Datasheet
28Kb / 1P
VTB Process Photodiodes
logo
IMP, Inc
C1004 IMP-C1004 Datasheet
32Kb / 2P
Process C1004
logo
List of Unclassifed Man...
WPC ETC2-WPC Datasheet
54Kb / 1P
Bipolar Process
WPX ETC2-WPX Datasheet
54Kb / 1P
Bipolar Process
WXC ETC2-WXC Datasheet
52Kb / 1P
Bipolar Process
logo
Alliance Semiconductor ...
AS6C8016A ALSC-AS6C8016A Datasheet
469Kb / 12P
Process Technology
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
Process Control
logo
SELEC Controls Pvt. Ltd
PIC101A SELEC-PIC101A Datasheet
520Kb / 2P
Process Indicator
logo
WALSIN TECHNOLOGY CORPO...
AMDIP2520070L4T WALSIN-AMDIP2520070L4T Datasheet
552Kb / 6P
LTCC Process
logo
Pepperl+Fuchs Inc.
DA5-IU-C PF-DA5-IU-C Datasheet
291Kb / 3P
Process indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com