Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROCESS Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # PROCESS
Description  Process
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

PROCESS Datasheet(HTML) 2 Page - NOSHOK, INC.

  PROCESS Datasheet HTML 1Page - NOSHOK, INC. PROCESS Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
600/700 SERIES
45 – 740 – 100 – psi – 1/4† – ST8
Gauge size .................................................................. 4-1/2"
Case type ................... SS internals, dry, bottom connection
Pressure range & scale option ...................0 psi to 100 psi
Connection size† ................................................... 1/4" NPT
Option................................ 316SS Threaded Orifice 0.8 mm
EXAMPLE
ORDERING INFORMATION
GAUGE SIZES
45 4-1/2″
CASE TYPES
640 Brass, dry, bottom connection
660 Brass, liquid filled, bottom connection
740 SS, dry, bottom connection
760 SS, liquid filled, bottom connection
PRESSURE
RANGES
30 inH
2O Vac -30 inH2O to 0 inH2O
30vac -30 inHg to 0 psi
15 0 psi to 15 psi
1000 0 psi to 1,000 psi
60 inH
2O Vac -60 inH2O to 0 inH2O
30/15 -30 inHg to 0 to 15 psi
30 0 psi to 30 psi
1500 0 psi to 1,500 psi
10 inH
2O 0 inH2O to 10 inH2O
30/30 -30 inHg to 0 to 30 psi
60 0 psi to 60 psi
2000 0 psi to 2,000 psi
15 inH
2O 0 inH2O to 15 inH2O
30/60 -30 inHg to 0 to 60 psi
100 0 psi to 100 psi
3000 0 psi to 3,000 psi
20 inH
2O 0 inH2O to 20 inH2O
30/100 -30 inHg to 0 to 100 psi
160 0 psi to 160 psi
5000 0 psi to 5,000 psi
30 inH
2O 0 inH2O to 30 inH2O
30/160 -30 inHg to 0 to 160 psi
200 0 psi to 200 psi
6000 0 psi to 6,000 psi
40 inH
2O 0 inH2O to 40 inH2O
30/200 -30 inHg to 0 to 200 psi
300 0 psi to 300 psi
10000 0 psi to 10,000 psi
60 inH
2O 0 inH2O to 60 inH2O
30/300 -30 inHg to 0 to 300 psi
400 0 psi to 400 psi
15000 0 psi to 15,000 psi
80 inH
2O 0 inH2O to 80 inH2O
5 0 psi to 5 psi
600 0 psi to 600 psi
100 inH
2O 0 inH2O to 100 inH2O
10 0 psi to 10 psi
800 0 psi to 800 psi
SCALE OPTIONS
psi psi single scale
psi/kg/cm2 psi/kg/cm2 dual scale
psi/bar psi/bar dual scale
CONNECTION SIZES
1/4 1/4″ NPT
1/2 1/2″ NPT
OPTIONS
SG Safety Glass Lens
CPMR Uninstalled Chrome Panel Mount Ring
BT3 Brass Threaded Orifice 0.3 mm
GL Glass Lens
OS Overload Stop
BT8 Brass Threaded Orifice 0.8 mm
MIP Maximum Indicating Pointer*
LM Laser Marking
ST8 316SS Threaded Orifice 0.8 mm
BPMR Uninstalled Black Panel Mount Ring
ST Stainless Steel Tagging
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOTES: Refer to 600/700 Series Options & Accessories chart on page 52 for availability by part number.
Cleaning for Oxygen Service (O2) is available only for dry or HL filled gauges
* GY40 fill is standard for liquid filled gauges
45-640/660 & 45-740/760
45-640/660 & 45-740/760 Panel Mount Ring
6.00"
(152 mm)
4.05"
(103 mm)
.87" (22 mm)
1/2" NPT
3.46"
(88 mm)
2.78"
(71 mm)
.134"
(3,4 mm)
.375 MAX"
(10 mm)
1.57"
(40 mm)
5.82"
(148 mm)
4.05"
(103 mm)
1/2" NPT
.87" (22 mm)
.24" (6 mm)
5.4 B.C.
(137 mm)
3.39"
(86 mm)
2.83"
(72 mm)
5.03
(128 mm)
1.57"
(40 mm)
† Only include in part number if non-standard connection size is ordered.
NOTES: See standard connection sizes chart on page 54.
Shaded portions of this part number example are not required unless a non-standard connection size or
an option is needed.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com