Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STANDARDSOFTSEAT Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # STANDARDSOFTSEAT
Description  Standard, Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

STANDARDSOFTSEAT Datasheet(HTML) 1 Page - NOSHOK, INC.

  STANDARDSOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. STANDARDSOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. STANDARDSOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. STANDARDSOFTSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
36
500
500 SERIES
• 100% helium leak tested to 1 x 10-4 ml/s for performance and reliability
• Replaceable Acetal seat and straight through porting for bidirectional, high
capacity flow and easy roddable cleaning
• Blow-out proof stem provides a secondary stem seal in the full open position
• FKM o-ring seal and PTFE back-up ring below the stem threads to protect from
corrosion and galling; PTFE packing optional (certain NPT sizes only)
• All stem threads are rolled for strength and ease of operation
• One-piece bonnet with a metal-to-metal seal to the valve body below the
bonnet threads
• Slotted spring pin to prevent accidental loosening
• Vinyl dust cap for bonnet and stem (non-packing)
Standard, Soft Seat
Needle V alves
NOTE: All NOSHOK valve products conform to the MSS SP-99 instrument valves standards, and valves supplied with packing
also conform to MSS SP-132 compression packing systems for instrument valves standard.
Materials
Zinc-Nickel plated Steel, electropolished
316 Stainless Steel*
Connections
1/4", 3/8", 1/2", 3/4", 1", 1-1/4" & 1-1/2" NPT
Male-female & Female-female configurations
Pressure rating
6,000 psi @ 200 °F
Orifice sizes
1/4" - 1/2" NPT: 0.187"
3/4" - 1-1/2" NPT: 0.438"
Flow coefficient
1/4" - 1/2" NPT: CV 0.76
3/4" - 1-1/2" NPT: CV 4.0
Stem seal & type
All 316 Stainless Steel stems with FKM o-ring and
PTFE back-up ring below the threads, PTFE
packing optional for 1/4", 3/8" & 1/2" NPT only
Options
Panel mountings, o-ring materials, handles,
packings, regulating stem and stem tips
Weight
Approximately 1.3 lb. up to 1/2"
Approximately 4.5 lb. Large Hex, Female-Female
Approximately 6 lb. Large Hex, Male-Female
SPECIFICATIONS
* All 316SS products meet the requirements of NACE MR0175/ISO 15156-3.
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472


Similar Part No. - STANDARDSOFTSEAT

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
STANDARDELEVATEDPRESSURE NOSHOK-STANDARDELEVATEDPRESSURE Datasheet
171Kb / 2P
Standard & Elevated Pressure
STANDARDHARDSEAT NOSHOK-STANDARDHARDSEAT Datasheet
619Kb / 6P
Standard, Hard Seat
logo
Analog Devices
STANDARDMILITARYDRAWING AD-STANDARDMILITARYDRAWING Datasheet
320Kb / 16P
Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV.A
logo
Alpha Wire
StandardPackage ALPHAWIRE-StandardPackage Datasheet
122Kb / 2P
M12 Male 90 Degree to RJ45 Male
More results

Similar Description - STANDARDSOFTSEAT

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com