Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STANDARDSOFTSEAT Datasheet(PDF) 3 Page - NOSHOK, INC.

Part # STANDARDSOFTSEAT
Description  Standard, Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

STANDARDSOFTSEAT Datasheet(HTML) 3 Page - NOSHOK, INC.

  STANDARDSOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. STANDARDSOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. STANDARDSOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. STANDARDSOFTSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
38
2-1/2"
Ø1/2"
3-25/32"
OPEN
3-1/2"
CLOSED
1-1/4" HEX
3-25/32"
OPEN
3-1/2"
CLOSED
2-1/2"
Ø1/2"
3-1/2"
1-1/4"
1-1/4" HEX
1/4" - 1/2" Male-Female
5-1/4"
4-1/4"
2-1/8"
4-1/4"
Dimensions
Needle V alves
3/4" - 1-1/2" Male-Female
1/4" - 1/2" Female-Female
3/4" - 1-1/2" Female-Female
For panel mount, packing,
& stem tip dimensions,
see pgs. 64-67.
Ø3/4"
5-1/2"
OPEN
4-3/4"
CLOSED
2-1/4"
HEX
Ø3/4"
5-1/2"
OPEN
4-15/16"
CLOSED
2-1/4"
HEX
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com