Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2000PRO4 Datasheet(PDF) 1 Page - Hugo Mueller GmbH & Co. KG

Part # LS2000PRO4
Description  MI.SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG

LS2000PRO4 Datasheet(HTML) 1 Page - Hugo Mueller GmbH & Co. KG

  LS2000PRO4 Datasheet HTML 1Page - Hugo Mueller GmbH & Co. KG LS2000PRO4 Datasheet HTML 2Page - Hugo Mueller GmbH & Co. KG LS2000PRO4 Datasheet HTML 3Page - Hugo Mueller GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MI.SYSTEM
Page 1 / 2
MI.SENSOR
müller LS 20.00 pro4 mi.sensor
Accessories
Vacuum cup
200.003
Mounting angle
200.002
Mounting plate for
wall box 200.001
Overview
Bluetooth brightness, temperature and humidity sensor
for müller mi.system
Only applicable with EA 46.22 pro4 or EA 16.11 pro4!
Detection of brightness, temperature and rel. humidity
Mounting capabilities:
- Mounting on window with vacuum cup for use as a
light sensor (included)
- Wall mounting
- Integrated in switch design 55 x 55 mm with mounting
plate 200.001 (see accessories)
- Outdoor installation with mounting angle 200.002
(see accessories)
Compact housing
Order numbers
LS 20.00 pro4
Light- / brightness
sensor
Temperature sensor
Rel. humidity sensor
Hugo Müller GmbH & Co KG | Karlstraße 90 | D-78054 VS-Schwenningen
Tel: +49 (0) 7720 80 836 | Fax: +49 (0) 7720 80 83 88 | E-Mail: info@hugo-mueller.de | Internet: www.hugo-mueller.de


Similar Part No. - LS2000PRO4

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
LS2000KNX HUGO-MUELLER-LS2000KNX Datasheet
188Kb / 2P
OUTDOOR SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com