Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2000PRO4 Datasheet(PDF) 2 Page - Hugo Mueller GmbH & Co. KG

Part # LS2000PRO4
Description  MI.SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG

LS2000PRO4 Datasheet(HTML) 2 Page - Hugo Mueller GmbH & Co. KG

  LS2000PRO4 Datasheet HTML 1Page - Hugo Mueller GmbH & Co. KG LS2000PRO4 Datasheet HTML 2Page - Hugo Mueller GmbH & Co. KG LS2000PRO4 Datasheet HTML 3Page - Hugo Mueller GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MI.SYSTEM
Page 2 / 2
MI.SENSOR
müller LS 20.00 pro4 mi.sensor
Order information
EAN
Art. No.
LS 20.00 pro4
4022709239983
23998
Technical Data
Power supply
via Lithium-Battery CR 2032 IB (included)
Battery lifetime
approx. 6 years
Measuring range
light sensor
0...65.000 Lux
Measuring range
temperature
0...+45 °C
Measuring range
relative humidity
0...100 %
Permitted ambient temperature
-10...+45 °C
Housing
self-extinguishing thermoplastic
Mounting
- Window with vacuum cup (included)
- Wall
- In frame (55 x 55 mm) with mounting plate
- Wall (outdoor) with mounting angle
Type of protection
According to DIN EN 60529:
IP X1
IP X4 when mounted with mounting angle
Class of protection
III when installed according to regulations
Rights to technical amendments reserved / Technische Änderungen vorbehalten
Droits de modifications techniques réservés / Suscettibile di errori e modifiche
Hugo Müller GmbH & Co KG | Karlstraße 90 | D-78054 VS-Schwenningen
Tel: +49 (0) 7720 80 836 | Fax: +49 (0) 7720 80 83 88 | E-Mail: info@hugo-mueller.de | Internet: www.hugo-mueller.de



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com