Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-RTPRTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-RTPRTP
Description  ADAPTER, RP TNC PLUG/RP TNC PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-RTPRTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-RTPRTP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.27 32.2
RoHS Compliant 
.57 14.5
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 11 GHz
VOLTAGE RATING: 500 VOLTS PEAK
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS RMS
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CENTER CONTACTS
BRASS
GOLD PLATE
INSULATOR
TFE
-
GASKET
RUBBER
-
RETAINING RING
BRASS
NICKEL PLATE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-RTPRTP
A
AXA-RTPRTP.SLDDRW
1
1
K.BURGNER
4/20/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
4/20/10
4/21/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER, RP TNC PLUG/RP TNC PLUG
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
4/20/10
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - AXA-RTPRTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-RTPRTJ90 L-COM-AXA-RTPRTJ90 Datasheet
33Kb / 1P
RP-TNC Plug to RP-TNC Jack Right Angle
06/22/10
More results

Similar Description - AXA-RTPRTP

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD125-89-9 WINCHESTER-SD125-89-9 Datasheet
60Kb / 1P
PLUG TNC
SDKA-59-267 WINCHESTER-SDKA-59-267 Datasheet
61Kb / 1P
PLUG, TNC
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
Reverse Polarity RP-TNC Connectors
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Molex Electronics Ltd.
0733861580 MOLEX11-0733861580 Datasheet
39Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
logo
Pulse A Technitrol Comp...
R380500314 PULSE-R380500314 Datasheet
96Kb / 3P
Dual Band Swivel Mount Dipole RP-TNC Blade
logo
Molex Electronics Ltd.
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com