Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT160
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT160 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT160 Datasheet HTML 1Page - STMicroelectronics M74HCT160 Datasheet HTML 2Page - STMicroelectronics M74HCT160 Datasheet HTML 3Page - STMicroelectronics M74HCT160 Datasheet HTML 4Page - STMicroelectronics M74HCT160 Datasheet HTML 5Page - STMicroelectronics M74HCT160 Datasheet HTML 6Page - STMicroelectronics M74HCT160 Datasheet HTML 7Page - STMicroelectronics M74HCT160 Datasheet HTML 8Page - STMicroelectronics M74HCT160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
M54/74HCT160/161
M54/74HCT162/163
October 1993
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
B1R
(Plastic Package)
ORDER CODES :
M54HCTXXXF1R
M74HCTXXXM1R
M74HCTXXXB1R
M74HCTXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Inter-
nal Con-
DESCRIPTION
.
HIGH SPEED
fMAX = 50 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT 25 °C
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.); VIL = 0.8V (MAX.)
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS160
∼ 163
M54/74HCT160 Decade, Asynchronous Clear
M54/74HCT161 Binary, Asynchronous Clear
M54/74HCT162 Decade, Synchronous Clear
M54/74HCT163 Binary, Synchronous Clear
The M54/74HCT160, 161, 162 and 163 are high
speed CMOS SYNCHRONOUS PRESETTABLE
COUNTERS fabricated with silicon gate C
2MOS
technology. They have the same high speed oper-
ation similar to equivalent LSTTL while maintaining
the CMOS low power dissipation.
The M54/74HCT160/162 are BCD Decade counter-
s and the M54/74HCT161/163 are 4 bit binary
counters. The CLOCK input is active on the rising
edge. Both LOAD and CLEAR inputs are active
Low.
Presetting of all four IC’s is synchronous on the ris-
ing edge of the CLOCK. The function on the
M54/74HCT162/163 is synchronous to CLOCK,
while the M54/74HCT160/161 counters are cleared
asynchronously. Two enable inputs (TE and PE)
and CARRY output are provided to enable easy cas-
cading of counters, which facilities easy implemen-
tation of N-bit counters without using external gates.
This integrated circuit has input and output charac-
teristics that are fully compatible with 54/74 LSTTL
logic families. M54/74HCT devices are designed to
directly interface HSC
2MOS systems with TTL and
NMOS components. They are also plug in replace-
ments for LSTTL devices giving a reduction of
power consumption. All inputs are equipped with
1/16


Similar Part No. - M74HCT160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M74HCT164B1R STMICROELECTRONICS-M74HCT164B1R Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HCT164B1R STMICROELECTRONICS-M74HCT164B1R Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M74HCT164C1R STMICROELECTRONICS-M74HCT164C1R Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
More results

Similar Description - M74HCT160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
2001-Apr
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com