Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647_0804 Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS320DM647_0804
Description  Digital Media Processor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647_0804 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320DM647_0804 Datasheet HTML 66Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 67Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 68Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 69Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 70Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 71Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 72Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 73Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 182 page
background image
6.6.2
EDMA Peripheral Register Description(s)
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372B – MAY 2007 – REVISED APRIL 2008
www.ti.com
Table 6-13. EDMA Channel Synchronization Events (continued)
TPCC
DEFAUL BINARY
DEFAULT EVENT
TPCC
DEFAULT BINARY
DEFAULT EVENT
CHANN
T
CHANNEL
EVENT #
EL
EVENT#
7
7
000 0111
VICP: IMXINT
39
39
010 0111
VP3EVTCbA
8
8
000 1000
VICP: VLCDINT
40
40
010 1000
VP3EVTCrA
9
9
000 1001
VICP: DSQINT
41
41
010 1001
VP3EVTYB
10
10
000 1010
McASP: AXEVTE
42
42
010 1010
VP3EVTCbB
11
11
000 1011
McASP: AXEVTO
43
43
010 1011
VP3EVTCrB
12
12
000 1100
McASP: AXEVT
44
44
010 1100
ICREVT
13
13
000 1101
McASP: AREVTE
45
45
010 1101
ICXEVT
14
14
000 1110
McASP: AREVTO
46
46
010 1110
SPI: SPIXEVT
15
15
000 1111
McASP: AREVT
47
47
010 1111
SPI: SPIREVT
16
16
001 0000
TIMER1 : TINT1L
48
48
011 0000
VP4EVTYA
17
17
001 0001
TIMER1 : TINT1H
49
49
011 0001
VP4EVTCbA
18
18
001 0010
UART: URXEVT
50
50
011 0010
VP4EVTCrA
19
19
001 0011
UART: UTXEVT
51
51
011 0011
VP4EVTYB
20
20
001 0100
VP0EVTYA
52
52
011 0100
VP4EVTCbB
21
21
001 0101
VP0EVTCbA
53
53
011 0101
VP4EVTCrB
22
22
001 0110
VP0EVTCrA
54
54
011 0110
GPIO : GPINT6
23
23
001 0111
VP0EVTYB
55
55
011 0111
GPIO : GPINT7
24
24
001 1000
VP0EVTCbB
56
56
011 1000
GPIO : GPINT8
25
25
001 1001
VP0EVTCrB
57
57
011 1001
GPIO : GPINT9
26
26
001 1010
VP1EVTYA
58
58
011 1010
GPIO : GPINT10
27
27
001 1011
VP1EVTCbA
59
59
011 1011
GPIO : GPINT11
28
28
001 1100
VP1EVTCrA
60
60
011 1100
GPIO : GPINT12
29
29
001 1101
VP1EVTYB
61
61
011 1101
GPIO : GPINT13
30
30
001 1110
VP1EVTCbB
62
62
011 1110
GPIO : GPINT14
31
31
001 1111
VP1EVTCrB
63
63
011 1111
GPIO : GPINT15
Table 6-14 lists the EDMA registers, their corresponding acronyms, and device memory locations.
Table 6-14. EDMA Channel Controller Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x02A0 0000
PID
Peripheral ID Register
0x02A0 0004
CCCFG
EDMA3CC Configuration Register
0x02A0 0008 - 0x02A0 00FC
Reserved
0x02A0 0100
DCHMAP0
DMA Channel 0 Mapping Register
0x02A0 0104
DCHMAP1
DMA Channel 1 Mapping Register
0x02A0 0108
DCHMAP2
DMA Channel 2 Mapping Register
0x02A0 010C
DCHMAP3
DMA Channel 3 Mapping Register
0x02A0 0110
DCHMAP4
DMA Channel 4 Mapping Register
0x02A0 0114
DCHMAP5
DMA Channel 5 Mapping Register
0x02A0 0118
DCHMAP6
DMA Channel 6 Mapping Register
0x02A0 011C
DCHMAP7
DMA Channel 7 Mapping Register
0x02A0 0120
DCHMAP8
DMA Channel 8 Mapping Register
0x02A0 0124
DCHMAP9
DMA Channel 9 Mapping Register
0x02A0 0128
DCHMAP10
DMA Channel 10 Mapping Register
Peripheral Information and Electrical Specifications
70
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com