Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647_0804 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320DM647_0804
Description  Digital Media Processor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647_0804 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM647_0804 Datasheet HTML 1Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 2Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 3Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 4Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 5Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 6Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 7Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 8Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 182 page
background image
1
TMS320DM647/TMS320DM648 Digital Media Processor
1.1 Features
TMS320DM647/TMS320DM648
Digital Media Processor
www.ti.com
SPRS372B – MAY 2007 – REVISED APRIL 2008
• High-Performance Digital Media Processor
• C64x+ L1/L2 Memory Architecture
(DM647/DM648)
256K-bit (32K-byte) L1P Program
720, 900-MHz C64x+™ Clock Rate
RAM/Cache [Direct Mapped]
1.39, 1.11-ns Instruction Cycle Time
256K-bit (32K-byte) L1D Data RAM/Cache
[2-Way Set-Associative]
5760, 7200 MIPS
2M-bit/256K-byte (DM647) or
Eight 32-Bit C64x+ Instructions/Cycle
4M-Bit/512K-byte) (DM648) L2 Unified
Fully Software-Compatible With
Mapped RAM/Cache [Flexible Allocation]
C64x/Debug
• Supports Little Endian Mode Only
Commercial Temperature Ranges
• Five Configurable Video Ports
• VelociTI.2™ Extensions to VelociTI™
Providing a Glueless I/F to Common Video
Advanced Very-Long-Instruction-Word (VLIW)
Decoder and Encoder Devices
TMS320C64x+™ DSP Core
Supports Multiple Resolutions/Video
Eight Highly Independent Functional Units
Standards
With VelociTI.2 Extensions:
• VCXO Interpolated Control Port (VIC)
• Six ALUs (32-/40-Bit), Each Supports
Single 32-bit, Dual 16-bit, or Quad 8-bit
Supports Audio/Video Synchronization
Arithmetic per Clock Cycle
• External Memory Interfaces (EMIFs)
• Two Multipliers Support Four 16 x 16-bit
32-Bit DDR2 SDRAM Memory Controller
Multiplies (32-bit Results) per Clock
With 512M-Byte(1) Address Space (1.8-V I/O)
Cycle or Eight 8 x 8-bit Multiplies (16-Bit
Asynchronous 16-Bit Wide EMIF (EMIFA)
Results) per Clock Cycle
• Up to 128M-Byte Total Address Reach
Load-Store Architecture With Non-Aligned
• 64M-Byte Address Reach per CE Space
Support
Glueless Interface to Asynchronous
64 32-bit General-Purpose Registers
Memories (SRAM, Flash, and EEPROM)
Instruction Packing Reduces Code Size
Synchronous Memories (SBSRAM and ZBT
All Instructions Conditional
SRAM)
Additional C64x+™ Enhancements
Supports Interface to Standard Sync
• Protected Mode Operation
Devices and Custom Logic (FPGA, CPLD,
• Exceptions Support for Error Detection
ASICs, etc.)
and Program Redirection
• Enhanced Direct-Memory-Access (EDMA)
• Hardware Support for Modulo Loop
Controller (64 Independent Channels)
Auto-Focus Module Operation
• 3-Port Gigabit Ethernet Switch Subsystem
• C64x+ Instruction Set Features
• Four 64-Bit General-Purpose Timers (Each
Byte-Addressable (8-/16-/32-/64-bit Data)
Configurable as Two 32-Bit Timers)
8-bit Overflow Protection
• One UART (With RTS and CTS Flow Control)
Bit-Field Extract, Set, Clear
• One 4-wire Serial Port Interface (SPI) With Two
Normalization, Saturation, Bit-Counting
Chip-Selects
VelociTI.2 Increased Orthogonality
• Master/Slave Inter-Integrated Circuit (I2C
C64x+ Extensions
Bus™)
• Compact 16-bit Instructions
• Additional Instructions to Support
• Multichannel Audio Serial Port (McASP)
Complex Multiplies
Ten Serializers and SPDIF (DIT) Mode
• 16/32-Bit Host-Port Interface (HPI)
• Advanced Event Triggering (AET) Compatible
(1)
From Silicon revision 1.1 and onward. In silicon revision 1.0,
the address space in bytes are 256M.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM647_0804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
Digital Media Processor
More results

Similar Description - TMS320DM647_0804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com