Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647_0804 Datasheet(PDF) 150 Page - Texas Instruments

Part # TMS320DM647_0804
Description  Digital Media Processor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647_0804 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM647_0804 Datasheet HTML 146Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 147Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 148Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 149Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 150Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 151Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 152Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 153Page - Texas Instruments TMS320DM647_0804 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 182 page
background image
6.17.3 PCI Electrical Data/Timing
6.18 Multichannel Audio Serial Port (McASP) Peripheral
6.18.1 McASP Device-Specific Information
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372B – MAY 2007 – REVISED APRIL 2008
www.ti.com
Texas Instruments (TI) has performed the simulation and system characterization to be sure that the PCI
peripheral meets all ac timing specifications as required by the PCI Local Bus Specification (version 2.3).
The ac timing specifications are not reproduced here. For more information on the ac timing specifications,
see Section 4.2.3, Timing Specification (33 MHz timing), and Section 7.6.4, Timing Specification (66 MHz
timing), of the PCI Local Bus Specification (version 2.3). Note that the DM647/DM648 PCI peripheral only
supports 3.3-V signaling.
The McASP functions as a general-purpose audio serial port optimized for the needs of multichannel
audio applications. The McASP is useful for time-division multiplexed (TDM) stream, Inter-Integrated
Sound (I2S) protocols, and intercomponent digital audio interface transmission (DIT).
The DM647/DM648 device includes one multichannel audio serial port (McASP) interface peripheral. The
McASP is a serial port optimized for the needs of multichannel audio applications.
The McASP consists of a transmit and receive section. These sections can operate completely
independently with different data formats, separate master clocks, bit clocks, and frame syncs or
alternatively, the transmit and receive sections may be synchronized. The McASP module also includes a
pool of 16 shift registers that may be configured to operate as either transmit data or receive data.
The transmit section of the McASP can transmit data in either a time-division-multiplexed (TDM)
synchronous serial format or in a digital audio interface (DIT) format where the bit stream is encoded for
S/PDIF, AES-3, IEC-60958, CP-430 transmission. The receive section of the McASP supports the TDM
synchronous serial format.
The McASP can support one transmit data format (either a TDM format or DIT format) and one receive
format at a time. All transmit shift registers use the same format and all receive shift registers use the
same format. However, the transmit and receive formats need not be the same.
Both the transmit and receive sections of the McASP also support burst mode which is useful for
non-audio data (for example, passing control information between two DSPs).
The McASP peripheral has additional capability for flexible clock generation, and error detection/handling,
as well as error management.
For
more
detailed
information
on
and
the
functionality
of
the
McASP
peripheral,
see
the
TMS320DM647/DM648 DSP Multichannel Audio Serial Port (McASP) User's Guide (literature number
SPRUEL1).
Peripheral Information and Electrical Specifications
150
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com