Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1040CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPR1040CT
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPR1040CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPR1040CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPR1040CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier
STPR1040CT
www.iscsemi.com
1
FEATURES
· Glass passivated chip
· Low reverse leakage current
· Low forward voltage drop
APPLICATIONS
· high current capability
· high efficiency
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
400
V
IF(AV)
Average Rectified Output Current
10
A
IFSM
Peak Forward Surge Current 8.3ms single half sine-wave
(Per leg)
80
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.2
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage Drop
IF= 5A
--
--
1.30
V
IF= 10A
--
--
1.50
V
IR
Peak Reverse Current
VR=400V
--
--
10
uA


Similar Part No. - STPR1040CT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR1010CT LITEON-STPR1010CT Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR1010CT SIRECTIFIER-STPR1010CT Datasheet
96Kb / 2P
Ultra Fast Recovery Diodes
logo
STMicroelectronics
STPR1020C STMICROELECTRONICS-STPR1020C Datasheet
45Kb / 3P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
STPR1020CB STMICROELECTRONICS-STPR1020CB Datasheet
45Kb / 3P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
STPR1020CB STMICROELECTRONICS-STPR1020CB Datasheet
159Kb / 10P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results

Similar Description - STPR1040CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com