Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT643 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT643
Description  OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT643 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT643 Datasheet HTML 1Page - STMicroelectronics M74HCT643 Datasheet HTML 2Page - STMicroelectronics M74HCT643 Datasheet HTML 3Page - STMicroelectronics M74HCT643 Datasheet HTML 4Page - STMicroelectronics M74HCT643 Datasheet HTML 5Page - STMicroelectronics M74HCT643 Datasheet HTML 6Page - STMicroelectronics M74HCT643 Datasheet HTML 7Page - STMicroelectronics M74HCT643 Datasheet HTML 8Page - STMicroelectronics M74HCT643 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/74HCT245/640/643
M54/74HCT245/640/643
October 1993
HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
OCTAL BUS TRANSCEIVER (3-STATE): HCT245 NON INVERTING
B1R
(Plastic Package)
ORDER CODES :
M54HCTXXXF1R
M74HCTXXXM1R
M74HCTXXXB1R
M74HCTXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
tPD = 10 ns (TYP.) at VCC =5V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 oC
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS245/640/643
DESCRIPTION
The M54/74HCT245, HCT640 and HCT643 utilise
silicon gate C
2MOS technology to achive operating
speeds eqivalent to LSTTL devices.
Along with the low power dissipation and high noise
immunity of standad CMOS integrated circuit, it
possesses the capability to drive 15 LSTTL loads.
These IC’s are intended for two-way asynchronous
communication between data buses, and the
direction of data trasmission is determined by DIR
input. The enable input (G) can be used to disable
the device so that the buses are effectively isolated.
All input are equipped with protection circuits
against static discharge and transient discharge.
These integrated circuits have input and output
characteristics that are fully compatible with 54/74
LSTTL logic families. M54/74HCT devices are
designed to directly interface HSC
2MOS systems
with TTL and NMOS components. They are also
plug in replacements for LSTTL devices giving a
reduction of power consumption.
IT IS PROHIBITED TO APPLY A SIGNAL TO A
BUS TERMINAL WHEN IT IS IN OUTPUT MODE
AND WHEN A BUS THERMINAL IS FLOATING
(HIGH IMPEDANCE STATE), IT IS REQUESTED
TO FIX THE INPUT LEVEL BY MEANS OF
EXTERNAL
PULL
DOWN
OR
PULL
UP
RESISTOR.
HCT245
HCT640
HCT643
1/11


Similar Part No. - M74HCT643

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT646 STMICROELECTRONICS-M74HCT646 Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT646B1R STMICROELECTRONICS-M74HCT646B1R Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT646M1R STMICROELECTRONICS-M74HCT646M1R Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT648 STMICROELECTRONICS-M74HCT648 Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT648B1R STMICROELECTRONICS-M74HCT648B1R Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
More results

Similar Description - M74HCT643

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
Octal-Bus Transceiver, Three-State, Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com