Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT30
Description  8 INPUT NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT30 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT30 Datasheet HTML 1Page - STMicroelectronics M74HCT30 Datasheet HTML 2Page - STMicroelectronics M74HCT30 Datasheet HTML 3Page - STMicroelectronics M74HCT30 Datasheet HTML 4Page - STMicroelectronics M74HCT30 Datasheet HTML 5Page - STMicroelectronics M74HCT30 Datasheet HTML 6Page - STMicroelectronics M74HCT30 Datasheet HTML 7Page - STMicroelectronics M74HCT30 Datasheet HTML 8Page - STMicroelectronics M74HCT30 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HCT30
M74HCT30
February 1993
8 INPUT NAND GATE
B1R
(Plastic Package)
ORDER CODES :
M54HCT30F1R
M74HCT30M1R
M74HCT30B1R
M74HCT30C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 15 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS30
The M54/74HCT30 is a high speed CMOS 8-INPUT
NAND GATE fabricated with silicon gate C
2MOS
technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
The internal circuit is composed of 5 stages includ-
ing buffer output, which gives high noise immunity
and stable output. All inputs are equipped with pro-
tection circuits against static discharge and transient
excess voltage.This integrated circuit has input and
output characteristics that are fully compatible with
54/74 LSTTL logic families. M54/74HCT devices
are designed to directly interface HSC
2MOS sys-
tems with TTL and NMOS components. They are
also plug in replacements for LSTTL devices giving
a reduction of power consumption.
DESCRIPTION
1/9


Similar Part No. - M74HCT30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
8-INPUT NAND GATE
Sep-2001
M74HCT30B1R STMICROELECTRONICS-M74HCT30B1R Datasheet
138Kb / 8P
8-INPUT NAND GATE
Sep-2001
M74HCT30M1R STMICROELECTRONICS-M74HCT30M1R Datasheet
138Kb / 8P
8-INPUT NAND GATE
Sep-2001
M74HCT30RM13TR STMICROELECTRONICS-M74HCT30RM13TR Datasheet
138Kb / 8P
8-INPUT NAND GATE
Sep-2001
M74HCT30TTR STMICROELECTRONICS-M74HCT30TTR Datasheet
138Kb / 8P
8-INPUT NAND GATE
Sep-2001
More results

Similar Description - M74HCT30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
DM74S30 FAIRCHILD-DM74S30 Datasheet
33Kb / 3P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com