Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG1903RD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG1903RD-RSP
Description  1.9 GHz 3dBi RUBBER DUCK ANTENNA W/ TILT AND SWIVEL RP-SMA PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG1903RD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG1903RD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.4 111
5.3 135
MAY OCCUR
10/07/11
A
B
C
B.PUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG1903RD-RSP
A
HG1903RD-RSP.SLDDRW
11
P.PESA
10/07/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
10/07/11
10/07/11
A
-
INITIAL RELEASE
-
-
B.PUCHASKI
-
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
RoHS Compliant 
W/ TILT AND SWIVEL RP-SMA PLUG
1.9 GHz 3dBi RUBBER DUCK ANTENNA
ANTENNA
NOTES:
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00031
- ALL DIMENSIONS FOR REFERENCE -
RP SMA PLUG
.5 13


Similar Part No. - HG1903RD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG1903MGRD L-COM-HG1903MGRD Datasheet
85Kb / 2P
HyperLink 1.9 GHz 3 dBi Omnidirectional Rubber Duck Antenna with Magnetic Base
HG1903MGRD-SM L-COM-HG1903MGRD-SM Datasheet
36Kb / 1P
1.9GHz 3dBi RUBBER DUCK ANTENNA MAGNETIC MOUNT W/ 5 FOOT CABLE AND CONNECTOR
10/12/16
More results

Similar Description - HG1903RD-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51081 PASTERNACK-PE51081 Datasheet
88Kb / 1P
Rubber Duck Antenna 2400- 2500 & 4900-5825 MHz,2dBi & 3dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
Mini Tri-Band Rubber Duck Antenna 2dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
B4844-01 ETC2-B4844-01 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
B6090 ETC2-B6090 Datasheet
751Kb / 8P
Titanis 2.4 GHz Swivel SMA Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com