Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT368 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT368
Description  HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT368 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT368 Datasheet HTML 1Page - STMicroelectronics M74HCT368 Datasheet HTML 2Page - STMicroelectronics M74HCT368 Datasheet HTML 3Page - STMicroelectronics M74HCT368 Datasheet HTML 4Page - STMicroelectronics M74HCT368 Datasheet HTML 5Page - STMicroelectronics M74HCT368 Datasheet HTML 6Page - STMicroelectronics M74HCT368 Datasheet HTML 7Page - STMicroelectronics M74HCT368 Datasheet HTML 8Page - STMicroelectronics M74HCT368 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/M74HCT367
M54/M74HCT368
February 1993
HCT367 NON INVERTING, HCT368 INVERTING
HEX BUS BUFFER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HCTXXXF1R
M74HCTXXXM1R
M74HCTXXXB1R
M74HCTXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
HCT368
HCT367
DESCRIPTION
.
HIGH SPEED
tPD = 11 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS367/368
The M54/74HCT367 and the M54/74HCT368 are
high speed CMOS HEX BUS BUFFER (3-STATE)
fabricated in silicon gate C
2MOS technology. They
have the same high speed performance of LSTTL
combined with true CMOS low power consumption.
These devices contain six buffers, four buffers are
controlled by an enable input (G1) and the other two
buffers are controlled by the other enable input
(G2) ; the outputs of each buffer group are enabled
when G1 and/or G2 inputs are held low, and
when held high these outputs are disabled to be
high-impedance.
These outputs are capable of driving up to 15 LSTTL
loads. The designer has a choice of non-inverting
outputs (HCT367) and inverting outputs (HCT368).
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
This integrated circuit has input and output charac-
teristics that are fully compatible with 54/74 LSTTL
logic families. M54/74HCT devices are designed to
directly interface HSC
2MOS systems with TTL and
NMOS components. They are also plug in replace-
ments for LSTTL devices giving a reduction of
power consumption.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/11


Similar Part No. - M74HCT368

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HCT367B1R STMICROELECTRONICS-M74HCT367B1R Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HCT367M1R STMICROELECTRONICS-M74HCT367M1R Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HCT367RM13TR STMICROELECTRONICS-M74HCT367RM13TR Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HCT367TTR STMICROELECTRONICS-M74HCT367TTR Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
More results

Similar Description - M74HCT368

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
Jul-2001
M74HC368 STMICROELECTRONICS-M74HC368 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT INVERTING
Jul-2001
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com