Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT368 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT368
Description  HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT368 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT368 Datasheet HTML 1Page - STMicroelectronics M74HCT368 Datasheet HTML 2Page - STMicroelectronics M74HCT368 Datasheet HTML 3Page - STMicroelectronics M74HCT368 Datasheet HTML 4Page - STMicroelectronics M74HCT368 Datasheet HTML 5Page - STMicroelectronics M74HCT368 Datasheet HTML 6Page - STMicroelectronics M74HCT368 Datasheet HTML 7Page - STMicroelectronics M74HCT368 Datasheet HTML 8Page - STMicroelectronics M74HCT368 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
CHIP CARRIER
NC = No Internal Connection
HCT367
HCT368
PIN DESCRIPTION (HCT367)
PIN No
SYMBOL
NAME AND FUNCTION
1, 15
G1, G2
Output Enable Inputs
2, 4, 6, 10,
12, 14
1A to 6A
Data Inputs
3, 5, 7, 9,
11, 13
1Y to 6Y
Data Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
PIN DESCRIPTION (HCT368)
PIN No
SYMBOL
NAME AND FUNCTION
1, 15
G1, G2
Output Enable Inputs
2, 4, 6, 10,
12, 14
1A to 6A
Data Inputs
3, 5, 7, 9,
11, 13
1Y to 6Y
Data Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
TRUTH TABLE
INPUTS
OUTPUTS
G
An
Y n (367)
Yn (368)
LL
L
H
LH
HL
HX
Z
Z
X = DON’T CARE Z = HIGH IMPEDANCE
M54/M74HCT367/368
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com