Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2402RDR-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2402RDR-RSP
Description  Antenna, Stubby STR, RP SMA Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2402RDR-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2402RDR-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV
K. Blomgren
COLOR VARIATIONS
09/29/10
A
MAY VARY
-
Initial Release
--
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
NONE
PROJECTION
-
B.Puchaski
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
3
09/28/10
2
4
FSCM NO.
6
UNDIMENSIONED FEATURES
MAY OCCUR
7
A
HG2402RDR-RSP.SLDDRW
NORTH ANDOVER, MA
5
1
09/28/10
REVISIONS
HG2402RDR-RSP
8
DESCRIPTION
APPROVED
1
DATE
K.Blomgren
09/28/10
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
2
3
4
5
6
7
8
B.Puchaski
43321
UNLESS OTHERWISE SPECIFIED,
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
ANTENNA
Antenna, Stubby STR, RP SMA Plug
NOTES:
ELECTRICAL:
FREQUENCY RANGE: 2.4 GHz (2.4~2.5GHz)
ELECTRIC WAVE: 1/4, MONOPOLE ANTENNA
V.S.W.R. : <2
IMPEDENCE: 50 Ohm, NOMINAL
GAIN: 2dBi
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
BAG LABEL AS PER L-COM SPECIFICATIION LSP-010
RP-SMA
3.13
79.4
.40
10.2


Similar Part No. - HG2402RDR-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2402RDR-1-RSP L-COM-HG2402RDR-1-RSP Datasheet
364Kb / 3P
2.4 GHz 2 dBi Rubber Duck Antenna RP-SMA Plug Connector
05/01/18
More results

Similar Description - HG2402RDR-RSP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1910 PULSE-W1910 Datasheet
642Kb / 4P
Penta Band Stubby Antenna
logo
World Produts Inc.
WPANT30031-RA WPI-WPANT30031-RA Datasheet
89Kb / 2P
3G Dual-band Stubby Antenna
WPANT30065-RB WPI-WPANT30065-RB Datasheet
75Kb / 2P
420 MHz Stubby Antenna
logo
List of Unclassifed Man...
336314-13-0050 ETC2-336314-13-0050 Datasheet
331Kb / 1P
RP SMA STR BHD
336314-14-0050 ETC2-336314-14-0050 Datasheet
677Kb / 2P
RP SMA STR BHD JACK
logo
World Produts Inc.
WPANT30031-RA WPI-WPANT30031-RA_15 Datasheet
83Kb / 2P
3G Dual-band Stubby Antenna
WPANT30157 WPI-WPANT30157 Datasheet
78Kb / 2P
Dual-band ISM Stubby Antenna
logo
TE Connectivity Ltd
951-012-XXX TEC-951-012-XXX Datasheet
766Kb / 2P
WLAN (2,4GHz) Stubby Antenna
951012-XXX TEC-951012-XXX Datasheet
590Kb / 2P
CELLULAR (2G/3G) Stubby Antenna
logo
Pulse A Technitrol Comp...
W1095X PULSE-W1095X Datasheet
859Kb / 7P
2.4-2.5GHz SMA Stubby Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com