Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10 Datasheet(PDF) 1 Page - Yealink Inc.

Part # CS10
Description  Ceiling Speaker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.

CS10 Datasheet(HTML) 1 Page - Yealink Inc.

  CS10 Datasheet HTML 1Page - Yealink Inc. CS10 Datasheet HTML 2Page - Yealink Inc. CS10 Datasheet HTML 3Page - Yealink Inc. CS10 Datasheet HTML 4Page - Yealink Inc. CS10 Datasheet HTML 5Page - Yealink Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Yealink Ceiling Speaker CS10
Datasheet
2-Way Coaxial Networked Ceiling Loudspeaker for
Exceptional Sound Quality
The Yealink CS10, a low-profile (120mm) 2-way coaxial network speaker, excels in video conferencing with its
exceptional audio performance. Designed specifically for the modern meeting environment, the CS10 blends
high-quality audio with an elegant, minimalist design, making it a perfect match for contemporary conference
rooms.
Versatile and engineered for ease of use, the CS10 is a PoE-enabled speaker that can be optionally deployed with
a variety of supplementary components, simplifying installation across diverse ceiling types. Its covert design
establishes the CS10 as more than just a speaker – it is an essential addition to your meeting space, enhancing
both visual and auditory experiences.
The CS10 is not just a functional device for your conference room; it's a statement of elegance and technological
prowess, representing the ideal audio solution for your professional needs.
Key Features and Benefits
Innovative Coaxial Structure
Features a 2-way coaxial setup with a robust 5.7-inch LF Woofer and a crisp 1.1-inch HF Tweeter for high-fidelity
audio delivery.
Acoustically tuned design for speech
Boasts impressive acoustic parameters, with a sensitivity of 88dB@1W 1m and a maximum SPL of 99dB@20W
1m, ensuring clear, powerful sound. With an acoustically tuned design for speech clarity, ideal for conferences
Yealink Ceiling Speaker CS10 Datasheet
1 / 5


Similar Part No. - CS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS10 ETC-CS10 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
CITIZEN ELECTRONICS CO....
CS10 CITIZEN-CS10 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600-00005-02 ETC1-600-00005-02 Datasheet
380Kb / 4P
CEILING SPEAKER DESIGN (CNSRD)
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com