Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10 Datasheet(PDF) 2 Page - Yealink Inc.

Part # CS10
Description  Ceiling Speaker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.

CS10 Datasheet(HTML) 2 Page - Yealink Inc.

  CS10 Datasheet HTML 1Page - Yealink Inc. CS10 Datasheet HTML 2Page - Yealink Inc. CS10 Datasheet HTML 3Page - Yealink Inc. CS10 Datasheet HTML 4Page - Yealink Inc. CS10 Datasheet HTML 5Page - Yealink Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
and presentations.
PoE-Enabled Active Speaker
CS10 masterfully blends active speaker functionality with integrated DAC and PoE technology, enabling swift
digital signal processing from the network for a hassle-free setup and minimal latency, tailored for dynamic
professional scenarios.
Versatile Deployment
Offers diverse indoor installation solutions, compatible with various ceiling types and grid systems, ensuring
easy adaptation to any interior design.
Sophisticated Design
Features a detachable, paintable magnetic grille in black and white, adding to its sleek, low-profile (120mm)
look that complements any modern interior.
Specifications
Parameters
Description
Package Content
CS10 Speaker
White Mesh Cover (Black
Optional)
Quick Start Guide
Assembly Fixing Bracket
Dust Cover
Deployment Instruction
Template
Bracing Bridge
Dust Cover Screw × 6 (M3 ×
4CMHOZN3)
Audio Specifications
Frequency Response (-6dB):
100-20kHz
Maximum SPL:
Continuous: 99dB @20W
1m
Sensitivity: 88dB@1m 1W
Speaker Specification
LF: 5.7 inch (145 mm) woofer
HF: 1.1 inch (28 mm) tweeter
Nominal Impedance: 8Ω
Nominal Coverage Angle: 120
Speaker Frequency Response:
100-20kHz
Sensitivity: 88dB
Sound emission angle:120
Rated Power: 24W
Yealink Ceiling Speaker CS10 Datasheet
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com