Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT533 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT533
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT373 NON INVERTING - HCT533 INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT533 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT533 Datasheet HTML 1Page - STMicroelectronics M74HCT533 Datasheet HTML 2Page - STMicroelectronics M74HCT533 Datasheet HTML 3Page - STMicroelectronics M74HCT533 Datasheet HTML 4Page - STMicroelectronics M74HCT533 Datasheet HTML 5Page - STMicroelectronics M74HCT533 Datasheet HTML 6Page - STMicroelectronics M74HCT533 Datasheet HTML 7Page - STMicroelectronics M74HCT533 Datasheet HTML 8Page - STMicroelectronics M74HCT533 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HCT373)
PIN No
SYMBOL
NAME AND FUNCTION
1
OE
3 State output Enable
Input (Active LOW)
2, 5, 6, 9,
12, 15, 16,
19
Q0 to Q7
3 State outputs
3, 4, 7, 8,
13, 14, 17,
18
D0 to D7
Data Inputs
11
LE
Latch Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HCT533)
PIN No
SYMBOL
NAME AND FUNCTION
1
OE
3 State output Enable
Input (Active LOW)
2, 5, 6, 9,
12, 15, 16,
19
Q0 to Q7
3 State outputs
3, 4, 7, 8,
13, 14, 17,
18
D0 to D7
Data Inputs
11
LE
Latch Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
HCT373
HCT533
M54/M74HCT373/533
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com