Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT533 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT533
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT373 NON INVERTING - HCT533 INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT533 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT533 Datasheet HTML 1Page - STMicroelectronics M74HCT533 Datasheet HTML 2Page - STMicroelectronics M74HCT533 Datasheet HTML 3Page - STMicroelectronics M74HCT533 Datasheet HTML 4Page - STMicroelectronics M74HCT533 Datasheet HTML 5Page - STMicroelectronics M74HCT533 Datasheet HTML 6Page - STMicroelectronics M74HCT533 Datasheet HTML 7Page - STMicroelectronics M74HCT533 Datasheet HTML 8Page - STMicroelectronics M74HCT533 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M54/74HCT373
M54/74HCT533
October 1993
HCT373 NON INVERTING - HCT533 INVERTING
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT
B1R
(Plastic Package)
ORDER CODES :
M54HCTXXXF1R
M74HCTXXXM1R
M74HCTXXXB1R
M74HCTXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
tPD = 17 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8 V (MAX.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOL =
IOH= 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS373/533
DESCRIPTION
The M54/74HCT373 and M54HCT533 are high
speed CMOS OCTAL LATCH WITH 3-STATE
OUTPUTS fabricated with in silicon gate C
2MOS
technology.
These ICs achive the high speed operation similar
to equivalent LSTTL while maintaning the CMOS
low power dissipation.
These 8 bit D-Type latches are controlled by a latch
enable input (LE) and a output enable input (OE).
While the LE input is held at a high level, the Q
outputs will follow the data input precisely or
inversely. When the LE is taken low, the Q outputs
will be latched precisely or inversely at the logic level
of D input data. While the OE input is at low level,
the eight outputs will be in a normal logic state (high
or low logic level) and while high level the outpts will
be in a high impedance state. The application
designer has a choise of combination of inverting
and non inverting outputs. The three state output
configuration and the wide choise of outline make
bus organized system simple.
These integrated circuits have input and output
characteristics that are fully compatible with 54/74
LSTTL logic families. M54/74HCT devices are
designed to directly interface HSC
2MOS systems
with TTL and NMOS components. They are also
plug in replacements for LSTTL devices giving a
reduction of power consumption. All inputs are
equipped with protection circuits against discharge
and transient excess voltage.
HCT373
HCT533
HCT373
HCT533
1/13


Similar Part No. - M74HCT533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT540 STMICROELECTRONICS-M74HCT540 Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT540B1R STMICROELECTRONICS-M74HCT540B1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT540C1R STMICROELECTRONICS-M74HCT540C1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT540M1R STMICROELECTRONICS-M74HCT540M1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT541 STMICROELECTRONICS-M74HCT541 Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
More results

Similar Description - M74HCT533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT373 STMICROELECTRONICS-M74HCT373 Datasheet
230Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com