Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1046 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1046
Description  1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1046 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1046 Datasheet HTML 17Page - SMSC Corporation EMC1046 Datasheet HTML 18Page - SMSC Corporation EMC1046 Datasheet HTML 19Page - SMSC Corporation EMC1046 Datasheet HTML 20Page - SMSC Corporation EMC1046 Datasheet HTML 21Page - SMSC Corporation EMC1046 Datasheet HTML 22Page - SMSC Corporation EMC1046 Datasheet HTML 23Page - SMSC Corporation EMC1046 Datasheet HTML 24Page - SMSC Corporation EMC1046 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
SMSC EMC1046/EMC1047
21
Revision 0.62 (03-05-08)
DATASHEET
52h
R/W
External Diode 4
HIgh Limit Low Byte
Stores the fractional data for the
low limit for the External Diode 4
channel
00h
Page 25
53h
R/W
External Diode 4 Low
Limit Low Byte
Stores the fractional data for the
low limit for the External Diode 4
channel
00h
Page 25
54h
R/W
External Diode 5
High Limit High Byte
Stores the integer data for the high
limit for the External Diode 5
channel
55h
(85°C)
Page 25
55h
R/W
External Diode 5 Low
Limit High Byte
Stores the integer data for the low
limit for the External Diode 5
channel
00h
(0°C)
Page 25
56h
R/W
External Diode 5
HIgh Limit Low Byte
Stores the fractional data for the
low limit for the External Diode 5
channel
00h
Page 25
57h
R/W
External Diode 5 Low
Limit Low Byte
Stores the fractional data for the
low limit for the External Diode 5
channel
00h
Page 25
58h
R/W
External Diode 6
High Limit High Byte
Stores the integer data for the high
limit for the External Diode 6
channel
55h
(85°C)
Page 25
59h
R/W
External Diode 6 Low
Limit High Byte
Stores the integer data for the low
limit for the External Diode 6
channel
00h
(0°C)
Page 25
5Ah
R/W
External Diode 6
HIgh Limit Low Byte
Stores the fractional data for the
low limit for the External Diode 6
channel
00h
(0°C)
Page 25
5Bh
R/W
External Diode 6 Low
Limit Low Byte
Stores the fractional data for the
low limit for the External Diode 6
channel
00h
(0°C)
Page 25
71h
R/W
External Diode 4
Beta Configuration
Stores the Beta Compensation
circuitry settings for External Diode
4
08h
Page 29
FDh
R
Product ID -
EMC1046
Stores a fixed value that identifies
each product
1Ah
Page 35
FDh
R
Product ID -
EMC1047
Stores a fixed value that identifies
each product
1Ch
Page 35
FEh
R
Manufacturer ID
Stores a fixed value that
represents SMSC
5Dh
Page 35
FFh
R
Revision
Stores a fixed value that
represents the revision number
01h
Page 35
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com