Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1046 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1046
Description  1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1046 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1046 Datasheet HTML 3Page - SMSC Corporation EMC1046 Datasheet HTML 4Page - SMSC Corporation EMC1046 Datasheet HTML 5Page - SMSC Corporation EMC1046 Datasheet HTML 6Page - SMSC Corporation EMC1046 Datasheet HTML 7Page - SMSC Corporation EMC1046 Datasheet HTML 8Page - SMSC Corporation EMC1046 Datasheet HTML 9Page - SMSC Corporation EMC1046 Datasheet HTML 10Page - SMSC Corporation EMC1046 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
SMSC EMC1046/EMC1047
7
Revision 0.62 (03-05-08)
DATASHEET
Chapter 1 Pin Description
Figure 1.1 EMC1046/EMC1047 Pin Diagram
Table 1.1 EMC1046/EMC1047 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP1 / DN6*
DP1 - External Diode 1 positive
(anode) connection (EMC1046)
AIO
DP1 / DN6 - External Diode 1
positive (anode) connection and
External Diode 6 negative (cathode)
connection (EMC1047)
3
DN1 / DP6*
DN1 - External diode 1 negative
(cathode) connection (EMC1046)
AIO
DN1 / DP6* - External diode 1
negative (cathode) connection and
External Diode 6 positive (anode)
connection (EMC1047)
4
DP2 / DN3
External Diode 2 positive (anode)
connection and External Diode 3
negative (cathode) connection
AIO
5
DN2 / DP3
External diode 2 negative (cathode)
connection and External Diode 3
positive (anode) connection
AIO
6
GND
Ground Connection
Power
7
DN4 / DP5
External diode 4 negative (cathode)
connection and External Diode 5
positive (anode) connection
AIO
EMC1046 / 7
10 TSSOP
10
9
8
7
SMDATA
SMCLK
1
2
3
4
VDD
DP1 / DN6*
DN1 / DP6*
GND
6
5
DP2 / DN3
DN2 / DP3
DP4 / DN5
DN4 / DP5
* denote EMC1047 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com