Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1428 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1428 Datasheet HTML 17Page - SMSC Corporation EMC1428 Datasheet HTML 18Page - SMSC Corporation EMC1428 Datasheet HTML 19Page - SMSC Corporation EMC1428 Datasheet HTML 20Page - SMSC Corporation EMC1428 Datasheet HTML 21Page - SMSC Corporation EMC1428 Datasheet HTML 22Page - SMSC Corporation EMC1428 Datasheet HTML 23Page - SMSC Corporation EMC1428 Datasheet HTML 24Page - SMSC Corporation EMC1428 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
SMSC EMC1428
21
Revision 0.62 (03-05-08)
DATASHEET
4.6
Diode Connections
The diode connection for the External Diode 1 channel is determined based on the selected device.
For the EMC1428, this channel can support a diode-connected transistor (such as a 2N3904) or a
substrate transistor (such as those found in an CPU or GPU) as shown in Figure 4.4. Anti-parallel
diodes are not supported on the External Diode 1 channel.
4.6.1
Diode Faults
The EMC1428 actively detects an open and short condition on each measurement channel. When a
diode fault is detected, the temperature data MSByte is forced to a value of 80h and the FAULT bit is
set in the Status Register. When an external diode channel is configured to operate in APD mode, the
circuitry will detect independent open fault conditions, however a short condition will be shared
between the APD channels.
Table 4.2 Supply Current vs. Conversion Rate for EMC1428
CONVERSION RATE
AVERAGE SUPPLY CURRENT
AVERAGING FACTOR (BASED ON
11-BIT OPERATION)
DYNAMIC
AVERAGING
ENABLED
(DEFAULT)
DYNAMIC
AVERAGING
DISABLED
DYNAMIC
AVERAGING
ENABLED
(DEFAULT)
DYNAMIC
AVERAGING
DISABLED
1 / sec
715uA
450uA
4x
1x
2 / sec
750uA
550uA
2x
1x
4 / sec (default)
900uA
815uA
1x
1x
Continuous (see Table 5.8)
950uA
950uA
0.5x
0.5x
Figure 4.4 Diode Connections
Local Ground
to
DP
Typical remote
substrate transistor
i.e. CPU substrate PNP
Typical remote
discrete PNP transistor
i.e. 2N3906
Typical remote
discrete NPN transistor
i.e. 2N3904
to
DN
to
DP
to
DN
to
DP
to
DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com