Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1428 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1428 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1428 Datasheet HTML 3Page - SMSC Corporation EMC1428 Datasheet HTML 4Page - SMSC Corporation EMC1428 Datasheet HTML 5Page - SMSC Corporation EMC1428 Datasheet HTML 6Page - SMSC Corporation EMC1428 Datasheet HTML 7Page - SMSC Corporation EMC1428 Datasheet HTML 8Page - SMSC Corporation EMC1428 Datasheet HTML 9Page - SMSC Corporation EMC1428 Datasheet HTML 10Page - SMSC Corporation EMC1428 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
SMSC EMC1428
7
Revision 0.62 (03-05-08)
DATASHEET
Chapter 1 Pin Description
Figure 1.1 EMC1428 Pin Diagram
Table 1.1 EMC1428 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
DP1
DP1 - External Diode 1 positive
(anode) connection.
AIO
2
DN1
External Diode 1 negative (cathode)
connection.
AIO
3
DP2 / DN3
External Diode 2 positive (anode)
connection and External Diode 3
negative (cathode) connection
AIO
4
DN2 / DP3
External diode 2 negative (cathode)
connection and External Diode 3
positive (anode) connection
AIO
5
TRIP_SET
Voltage input to set Critical / Thermal
Shutdown temperature
AIO
6
SYS_SHDN
Active low System Shutdown output
signal - requires pull-up resistor.
OD (5V)
EMC1428
16 QFN
SMDATA
SMCLK
1
2
3
4
DP1
DN1
DP2 / DN3
12
11
10
9
DN2 / DP3
DP4 / DN5
DN4 / DP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com