Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9210 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9210
Description  Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9210 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9210 Datasheet HTML 17Page - SMSC Corporation LAN9210 Datasheet HTML 18Page - SMSC Corporation LAN9210 Datasheet HTML 19Page - SMSC Corporation LAN9210 Datasheet HTML 20Page - SMSC Corporation LAN9210 Datasheet HTML 21Page - SMSC Corporation LAN9210 Datasheet HTML 22Page - SMSC Corporation LAN9210 Datasheet HTML 23Page - SMSC Corporation LAN9210 Datasheet HTML 24Page - SMSC Corporation LAN9210 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
2.2
Block Diagram
Figure 2.1 Internal LAN9312 Block Diagram
To optional
EEPROM
EEPROM Controller
I
2C (master)
Microwire (master)
EEPROM Loader
Register
Access
MUX
System
Registers
(CSRs)
I
2C/Microwire
MII
IEEE 1588
Time Stamp
Registers
Virtual PHY
10/100
PHY
Registers
10/100
PHY
Registers
Switch
Registers
(CSRs)
IEEE 1588
Time Stamp
IEEE 1588
Time Stamp
Switch Fabric
GPIO/LED
Controller
Switch Engine
Buffer Manager
Search
Engine
Frame
Buffers
IEEE 1588
Time Stamp
Clock/Events
MII
MDIO
MII
MDIO
To optional GPIOs/LEDs
To Ethernet
To Ethernet
LAN9312
Host Bus Interface
TX/RX FIFOs
Host MAC
To 32-bit
Host Bus
System
Interrupt
Controller
IRQ
GP Timer
Free-Run
Clk
System
Clocks/
Reset/PME
Controller
External
25MHz Crystal
MDIO
10/100
MAC
10/100
MAC
10/100
MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com