Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9210 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9210
Description  Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9210 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9210 Datasheet HTML 35Page - SMSC Corporation LAN9210 Datasheet HTML 36Page - SMSC Corporation LAN9210 Datasheet HTML 37Page - SMSC Corporation LAN9210 Datasheet HTML 38Page - SMSC Corporation LAN9210 Datasheet HTML 39Page - SMSC Corporation LAN9210 Datasheet HTML 40Page - SMSC Corporation LAN9210 Datasheet HTML 41Page - SMSC Corporation LAN9210 Datasheet HTML 42Page - SMSC Corporation LAN9210 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
39
Revision 1.2 (04-08-08)
DATASHEET
4.2.2.2
Soft Reset (SRST)
A soft reset is performed by setting the SRST bit of the Hardware Configuration Register (HW_CFG).
A soft reset will reset the HBI, Host MAC, and System CSRs below address 100h. The soft reset also
clears any TX or RX errors in the Host MAC transmitter and receiver (TXE/RXE). This reset does not
latch the configuration straps. On soft reset, the EEPROM Loader is run, but loads only the MAC
address into the Host MAC. No other values are loaded by the EEPROM Loader in this case.
A soft reset typically takes 590uS, plus an additional time (550uS for I2C, 170uS for Microwire) when
data is loaded from the EEPROM via the EEPROM Loader.
4.2.3
Single-Module Resets
A single-module reset will reset only the specified module. Single-module resets do not latch the
configuration straps or initiate the EEPROM Loader. A single-module reset is initiated by assertion of
the following:
Port 2 PHY Reset
Port 1 PHY Reset
Virtual PHY Reset
4.2.3.1
Port 2 PHY Reset
A Port 2 PHY reset is performed by setting the PHY2_RST bit of the Reset Control Register
(RESET_CTL) or the Reset bit in the Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x).
Upon completion of the Port 2 PHY reset, the PHY2_RST and Reset bits are automatically cleared.
No other modules of the LAN9312 are affected by this reset.
In addition to the methods above, the Port 2 PHY is automatically reset after returning from a PHY
power-down mode. This reset differs in that the PHY power-down mode reset does not reload or reset
any of the PHY registers. Refer to Section 7.2.9, "PHY Power-Down Modes," on page 94 for additional
information.
Port 2 PHY reset completion can be determined by polling the PHY2_RST bit in the Reset Control
Register (RESET _ CTL) or the Reset bit in the P o rt x PHY Basic Contr o l Register
(PHY_BASIC_CONTROL_x) until it clears. Under normal conditions, the PHY2_RST and Reset bit will
clear approximately 110uS after the Port 2 PHY reset occurrence.
Note: When using the Reset bit to reset the Port 2 PHY, register bits designated as NASR are not
reset.
Refer to Section 7.2.10, "PHY Resets," on page 95 for additional information on Port 2 PHY resets.
4.2.3.2
Port 1 PHY Reset
A Port 1 PHY reset is performed by setting the PHY1_RST bit of the Reset Control Register
(RESET_CTL) or the Reset bit in the Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x).
Upon completion of the Port 1 PHY reset, the PHY1_RST and Reset bits are automatically cleared.
No other modules of the LAN9312 are affected by this reset.
In addition to the methods above, the Port 1 PHY is automatically reset after returning from a PHY
power-down mode. This reset differs in that the PHY power-down mode reset does not reload or reset
any of the PHY registers. Refer to Section 7.2.9, "PHY Power-Down Modes," on page 94 for additional
information.
Port 1 PHY reset completion can be determined by polling the PHY1_RST bit in the Reset Control
Register (RESET _ CTL) or the Reset bit in the P o rt x PHY Basic Contr o l Register
(PHY_BASIC_CONTROL_x) until it clears. Under normal conditions, the PHY1_RST and Reset bit will
clear approximately 110uS after the Port 1 PHY reset occurrence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com