Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT74 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT74
Description  DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT74 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT74 Datasheet HTML 1Page - STMicroelectronics M74HCT74 Datasheet HTML 2Page - STMicroelectronics M74HCT74 Datasheet HTML 3Page - STMicroelectronics M74HCT74 Datasheet HTML 4Page - STMicroelectronics M74HCT74 Datasheet HTML 5Page - STMicroelectronics M74HCT74 Datasheet HTML 6Page - STMicroelectronics M74HCT74 Datasheet HTML 7Page - STMicroelectronics M74HCT74 Datasheet HTML 8Page - STMicroelectronics M74HCT74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HCT74
M74HCT74
February 1993
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
B1R
(Plastic Package)
ORDER CODES :
M54HCT74F1R
M74HCT74M1R
M74HCT74B1R
M74HCT74C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
fMAX = 53 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =2
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS74
The M54/74HCT74 is a high speed CMOS DUAL D
TYPE FLOP WITH PRESET AND CLEAR fabri-
cated in silicon gate C
2MOS technology. It has the
same high speed performance of LSTTL combined
with true CMOS low power consumption. A signal on
the D INPUT is transferred to the Q OUTPUT during
the positive going transition of the clock pulse.
CLEAR and PRESET are independent of the clock
and accomplished by a low on the appropriate input.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age. This integrated circuit has input and output
characteristics that are fully compatible with 54/74
LSTTL logic families. M54/74HCT devices are de-
signed to directly interface HSC
2MOS systems with
TTL and NMOS components. They are also plug in
replacements for LSTTL devices giving a reduction
of power consumption.
DESCRIPTION
1/11


Similar Part No. - M74HCT74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT74 STMICROELECTRONICS-M74HCT74 Datasheet
432Kb / 10P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HCT74-1 STMICROELECTRONICS-M74HCT74-1 Datasheet
432Kb / 10P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HCT74B1R STMICROELECTRONICS-M74HCT74B1R Datasheet
432Kb / 10P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HCT74M1R STMICROELECTRONICS-M74HCT74M1R Datasheet
432Kb / 10P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
logo
Fairchild Semiconductor
M74HCT74MTC FAIRCHILD-M74HCT74MTC Datasheet
85Kb / 7P
Dual D-Type Flip-Flop with Preset and Clear
More results

Similar Description - M74HCT74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
24-Oct-1997
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com