Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT75
Description  4 BIT D TYPE LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT75 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT75 Datasheet HTML 1Page - STMicroelectronics M74HCT75 Datasheet HTML 2Page - STMicroelectronics M74HCT75 Datasheet HTML 3Page - STMicroelectronics M74HCT75 Datasheet HTML 4Page - STMicroelectronics M74HCT75 Datasheet HTML 5Page - STMicroelectronics M74HCT75 Datasheet HTML 6Page - STMicroelectronics M74HCT75 Datasheet HTML 7Page - STMicroelectronics M74HCT75 Datasheet HTML 8Page - STMicroelectronics M74HCT75 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HCT75
M74HCT75
January 1993
4 BIT D TYPE LATCH
B1R
(Plastic Package)
ORDER CODES :
M54HCT75F1R
M74HCT75M1R
M74HCT75B1R
M74HCT75C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 15 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =2
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2 V (MIN.) VIL = 0.8 V (MAX.)
.
OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS75
TheM54/74HCT75 isahigh speedCMOS4-BITD-TYPE
LATCH fabricated in silicon gate C2MOS technology. It
has the same high speed performance of LSTTL com-
bined withtrueCMOSlow power consumption. Itcontains
two groups of 2-bit latches controlled by an enable input
(G1
• 2or G3 • 4). These two latch groups can be used
indifferent circuits. Each latch has Q and Q outputs (1Q -
4Q and 1Q - 4Q). The data applied to the data input is
transfered to the Q and Q outputs when the enable input
is taken high and the outputs will follow the data input as
long as the enable input is kept high. When the enable
input is taken low, the information data applied to the data
input isretained atthe outputs. All inputs areequipped with
protection circuits against static discharge and transient
excessvoltage.This integrated circuit has input andoutput
characteristics that are fully compatible with 54/74 LSTTL
logic families. M54/74HCT devices are designed to di-
rectly interface HSC
2MOS systemswith TTL and NMOS
components. They are also plug in replacements for
LSTTL devices giving a reduction of power consumption.
DESCRIPTION
1/9


Similar Part No. - M74HCT75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT75 STMICROELECTRONICS-M74HCT75 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M74HCT75B1R STMICROELECTRONICS-M74HCT75B1R Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M74HCT75M1R STMICROELECTRONICS-M74HCT75M1R Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M74HCT75RM13TR STMICROELECTRONICS-M74HCT75RM13TR Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
More results

Similar Description - M74HCT75

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
4 BIT D TYPE LATCH
Aug-2001
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
RAD HARD 4 BIT D TYPE LATCH
01-Jun-2004
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
4-Bit D Type Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com