Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2400RDR90-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2400RDR90-RSP
Description  HyperLink Wireless 2.4 GHz 0 dBi 90° Stub Rubber Duck AntennaRP-SMA Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2400RDR90-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2400RDR90-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2400RDR90-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 0 dBi 90° Stub Rubber Duck Antenna – RP-SMA Plug
Model: HG2400RDR90-RSP
Applications
2.4 GHz ISM band
IEEE 802.11b/g/n Wireless LAN
Mobile wireless applications
Wireless video equipment
OEM/Replacement antenna
Features
Short “Stub” style antenna for low profile applications
Unity gain of 0 dBi
Rigid type, 90° with RP-SMA Plug connector
Fits a wide range of wireless devices
Description
The HG2400RDR90-RSP is a 2.4GHz 0dBi Omni-directional Stubby "rubber-duck" WiFi antenna. The antenna is a
¼ wave Monopole for excellent range and performance. It is ideally suited for IEEE 802.11b, 802.11g and
802.11n wireless LANs, Bluetooth®, factory WLAN installations and other WLAN applications requiring small,
performance antennas.
Measuring a little over 1inch long, this Stub antenna features a RP-SMA Plug 90° Right
Angle Rigid connector. This connector allows it to be used with a wide range of wireless
devices with external antenna ports. This antenna can help achieve greater range and
improved signal than most stock integral antennas. The compact size of the
HG2400RDR90-RSP means it can be used almost anywhere!
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
0 dBi
Impedance
50 Ohm
VSWR
< 2.0
Electric Wave
1/4, Monopole Antenna


Similar Part No. - HG2400RDR90-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2400RDR-RSP L-COM-HG2400RDR-RSP Datasheet
194Kb / 2P
2.4 GHz 0dBi STUB "Rubber Duck" WLAN Antenna with RIGID RP-SMA Plug Connector
More results

Similar Description - HG2400RDR90-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com