Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016BT Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58BW016BT
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016BT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58BW016BT Datasheet HTML 17Page - STMicroelectronics M58BW016BT Datasheet HTML 18Page - STMicroelectronics M58BW016BT Datasheet HTML 19Page - STMicroelectronics M58BW016BT Datasheet HTML 20Page - STMicroelectronics M58BW016BT Datasheet HTML 21Page - STMicroelectronics M58BW016BT Datasheet HTML 22Page - STMicroelectronics M58BW016BT Datasheet HTML 23Page - STMicroelectronics M58BW016BT Datasheet HTML 24Page - STMicroelectronics M58BW016BT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
21/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Table 8. Burst Type Definition
M 3
Starting
Address
x4
Sequential
x4
Interleaved
x8
Sequential
x8
Interleaved
Continuous
0
0
0-1-2-3
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7-8-9-10..
0
1
1-2-3-0
1-0-3-2
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
1-2-3-4-5-6-7-8-9-10-11..
0
2
2-3-0-1
2-3-0-1
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
2-3-4-5-6-7-8-9-10-11-12..
0
3
3-0-1-2
3-2-1-0
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
3-4-5-6-7-8-9-10-11-12-13..
0
4
–
–
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
4-5-6-7-8-9-10-11-2-13-14..
0
5
–
–
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
5-6-7-8-9-10-11-12-13-14..
0
6
–
–
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
6-7-8-9-10-11-12-13-14-15..
0
7
–
–
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
7-8-9-10-11-12-13-14-15-16..
0
8
–
–
–
–
8-9-10-11-12-13-14-15-16-17..
1
0
0-1-2-3
–
0-1-2-3-4-5-6-7
–
0-1-2-3-4-5-6-7-8-9-10..
1
1
1-2-3-4
–
1-2-3-4-5-6-7-8
–
1-2-3-4-5-6-7-8-9-10-11..
1
2
2-3-4-5
–
2-3-4-5-6-7-8-9
–
2-3-4-5-6-7-8-9-10-11-12..
1
3
3-4-5-6
–
3-4-5-6-7-8-9-10
–
3-4-5-6-7-8-9-10-11-12-13..
1
4
4-5-6-7
–
4-5-6-7-8-9-10-
11
–
4-5-6-7-8-9-10-11-12-13-14..
1
5
5-6-7-8
–
5-6-7-8-9-10-11-
12
–
5-6-7-8-9-10-11-12-13-14..
1
6
6-7-8-9
–
6-7-8-9-10-11-
12-13
–
6-7-8-9-10-11-12-13-14-15..
1
7
7-8-9-10
–
7-8-9-10-11-12-
13-14
–
7-8-9-10-11-12-13-14-15-16..
1
8
8-9-10-11
–
8-9-10-11-12-13-
14-15
–
8-9-10-11-12-13-14-15-16-17..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com