Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LI Datasheet(PDF) 2 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 2 Page - Clarke International

  JS1224LI Datasheet HTML 1Page - Clarke International JS1224LI Datasheet HTML 2Page - Clarke International JS1224LI Datasheet HTML 3Page - Clarke International JS1224LI Datasheet HTML 4Page - Clarke International JS1224LI Datasheet HTML 5Page - Clarke International JS1224LI Datasheet HTML 6Page - Clarke International JS1224LI Datasheet HTML 7Page - Clarke International JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Jump-start.
The JS1224Li is a rechargable power pack which can be used to start a car in the
event of a flat battery. The unit can also be used to power electrical appliances via a
cigarette lighter type socket using the adaptor supplied. The unit also incorporates a
built-in lamp and may be used as a stand alone light source
. A visual warning will
appear in the event that the clamps are incorrectly fitted for jump starting (wrong
polarity).
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct at the
time of going to print. However, CLARKE International reserve the right to change
specifications at any time without prior notice.
Item
Specification
Weight
2.8 kg
Insulation Class
Class III (Device) / Class II (Charger)
Max Output Current (12V)
Starting 600A
Peak 1200A
Max Output Current (24V)
Starting 300A
Peak 600A
Input Voltage/Current
15 V / 1A
Battery Type
Sealed re-chargeable lithium-ion
12.8V/32,000 mAh
Auxiliary (Lighter) Socket output
12V DC /10A
USB2 Power Supply
5 V DC - 2A
Estimated engine starting capacity
Up to 5 litres (diesel) or
8 litres (petrol)
Maximum cranking time
8 seconds
Full charging time
10 hours
LED flashlight
3W/350 lumens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com