Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LI Datasheet(PDF) 3 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 3 Page - Clarke International

  JS1224LI Datasheet HTML 1Page - Clarke International JS1224LI Datasheet HTML 2Page - Clarke International JS1224LI Datasheet HTML 3Page - Clarke International JS1224LI Datasheet HTML 4Page - Clarke International JS1224LI Datasheet HTML 5Page - Clarke International JS1224LI Datasheet HTML 6Page - Clarke International JS1224LI Datasheet HTML 7Page - Clarke International JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
1. ALWAYS ensure when jump-starting that air can circulate freely around the
jumpstart.
2. NEVER allow the negative and positive leads on this unit to touch each other or
to touch the same metal object.
3. Although the jump-start is water resistant and may be used outdoors, DO NOT
leave it exposed to the elements. Avoid direct sunlight, direct heat, rain/moisture
etc.
4. This jump-start is designed for use with 12V or 24V electrical systems.
5. DO NOT operate the jump-start if any of the cables are damaged. Consult your
Clarke dealer for repair or replacement.
6. DO NOT operate the jump-start if the case is damaged. Consult your Clarke
dealer or a qualified person for inspection and repair.
7. Ensure the vehicle battery posts and battery clamps are perfectly clean before
use.
8. When connecting the jump-start leads to a battery, ensure the ON/OFF switch is
OFF, and ALWAYS connect the RED, (positive’+’) output conductor to the
UNEARTHED (+) battery terminal FIRST, then connect the BLACK, (negative)
conductor to a suitable earthing point on the chassis, well away from any fuel
lines.
9. ALWAYS wear suitable protective clothing and eye protection when working with
lead-acid batteries.
10. The jump-start is NOT designed to be used as a replacement for the vehicle
battery.
11. DO NOT attempt to BOOST CHARGE the jump-start's sealed battery.
12. NEVER allow the cables to become wrapped around the operator or any other
person.
13. NEVER attempt any repairs yourself. If you have a problem with the jump-start
contact your local Clarke dealer.
14. ALWAYS keep your body and clothing dry. Never work in damp area without
adequate insulation against electric shock.
15. NEVER jump-start the engine whilst the jump-start is being charged.
16. ALWAYS store the jump-starter out of reach of children.
17. If splashed by battery acid, immediately flush the area of the splash with clean
water. If a burning sensation is felt or any blistering occurs, seek medical help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com