Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFC2000B Datasheet(PDF) 7 Page - Clarke International

Part # CFC2000B
Description  2 TONNE FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC2000B Datasheet(HTML) 7 Page - Clarke International

Back Button CFC2000B Datasheet HTML 3Page - Clarke International CFC2000B Datasheet HTML 4Page - Clarke International CFC2000B Datasheet HTML 5Page - Clarke International CFC2000B Datasheet HTML 6Page - Clarke International CFC2000B Datasheet HTML 7Page - Clarke International CFC2000B Datasheet HTML 8Page - Clarke International CFC2000B Datasheet HTML 9Page - Clarke International CFC2000B Datasheet HTML 10Page - Clarke International CFC2000B Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
2. Bolt the castor wheels to the base frame and leg extensions. The two smaller
castors (24) locate at the middle of the assembly and the two larger items with
brakes (35) are installed on the base frame (where the operator will use them).
3. Position the Main Support Post (4), over the holes provided, so that the Hydraulic
Ram Assy bracket on the main support is facing towards the front wheels. Secure
using bolts (20).
4. Connect the support bars (3), to their upper mountings at either side of the main
support post with bolts (32). Connect the support bars to the Base with bolts (11),
nuts and washers. Add the leg storage brackets (34) to the sides of the Base. Fully
tighten all nuts and bolts assembled used so far.
5. Fit the Hydraulic Pump/Ram assembly (18), (with ram piston uppermost), into its
mounting on the Main Support Post. Having lined up the hole in the bracket with
that in the ram assembly, insert bolt (12) and tighten fully. Be careful not to over-
tighten and clamp the pump/ram assembly. Allow the ram assembly to rest
against the support post.
6. Lift the jib (1) into position in its mounting on top of the main support post and
secure with bolt (10).
7. Raise the jib and manoeuvre the hydraulic ram assembly until the ram enters the
bracket under the jib. Line up the holes in the bracket and ram and insert bolt
(12). It may be necessary to extend the ram to facilitate its location.
8. To do this, ensure the control valve
on the side of the ram assembly is
closed by turning it firmly clockwise
using the notched end of the pump
handle. Pump the handle until the
ram extends by the required amount.
9. Raise the jib to a horizontal position
using the hydraulic ram and insert
the Jib Extension (2) to any selected
length (see OPERATION page 8).
• Ensure that the slot at one end of the extension is outermost and on its
underside.
10. Slide the jib extension in as far as convenient and secure in position with the R-clip
provided.
11. Fit the chain and hook assembly (17) to the end of the jib extension by sliding the
end chain link into the slot provided and threading the bolt (14) through the
locating hole and chain link.
12. Finally check to ensure that all nuts are fully tightened and the hydraulic ram
assembly, wheels and castors, all operate freely.
NOTE: DO NOT OVERTIGHTEN ANY SECTION WHICH MAY CAUSE
DISTORTION OR BINDING OF MOVING PARTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com