Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFC2000B Datasheet(PDF) 2 Page - Clarke International

Part # CFC2000B
Description  2 TONNE FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC2000B Datasheet(HTML) 2 Page - Clarke International

  CFC2000B Datasheet HTML 1Page - Clarke International CFC2000B Datasheet HTML 2Page - Clarke International CFC2000B Datasheet HTML 3Page - Clarke International CFC2000B Datasheet HTML 4Page - Clarke International CFC2000B Datasheet HTML 5Page - Clarke International CFC2000B Datasheet HTML 6Page - Clarke International CFC2000B Datasheet HTML 7Page - Clarke International CFC2000B Datasheet HTML 8Page - Clarke International CFC2000B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Folding Crane.
Before attempting to operate the product, it is essential that you read this manual
thoroughly and carefully follow all instructions given. In doing so you will ensure the
safety of yourself and that of others around you, and you can also look forward to the
stand giving you long and satisfactory service
SPECIFICATIONS
Max Capacity (SWL)
2000 kg (2 Tonne)
Net Weight
88 kg
Overall Width at legs
Height (arm horizontal)
Length
1060 mm
1570 mm
1590 mm
Dimensions (folded)
L x W x H
530 x 660 x 1480 mm
Jib Positions
Position 1
Lift Capacity
2000 kg
Jib length (horizontal/extended)
865 /530 mm
Max Lifting Height
1605 mm
Position 2
Lift Capacity
1500 kg
Jib length (horizontal/extended)
1035 /700 mm
Max Lifting Height
1685 mm
Position 3
Lift Capacity
1000 kg
Jib length (horizontal/extended)
1205 /870 mm
Max Lifting Height
1765 mm
Position 4
Lift Capacity
500 kg
Jib length (horizontal/extended)
1375 /1040 mm
Max Lifting Height
1850 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com