Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 1 Page - LUMEL S.A.

Part # ATS
Description  Adapter ats
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ATS Datasheet(HTML) 1 Page - LUMEL S.A.

  ATS Datasheet HTML 1Page - LUMEL S.A. ATS Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Export department:
English: +48 68 32 95
302 / 321 / 276 / 386 / 233
Russian: +48 68 32 95 321
Fax:
+48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Adapter set
• Designed for mounting of panel instruments on the DIN
rail TS35 or transducers of P18X series for DIN rail TS35.
• Easy and quick assembly and disassembly of adapter.
• Construction is made of galvanized steel.
• Available for the products in the dimensions of:
96 x 96 mm,
96 x 48 mm,
72 x 72 mm,
48 x 96 mm,
48 x 48 mm.
AdApter Ats for din rail TS35
The set is composed of:
– adapter ATS ........................................................1 pc
– user’s manual......................................................1 pc
View and dimensions of the adpater
Adapter ATS
ATS1
ATS2
ATS3
ATS4
ATS5
ATS6
Adapter
dimensions [mm]
92+0.8 x 92+0.8
92+0.8x 45+0.6
68+0.7x 68+0.7
45+0.6x 92+0.8 45+0.6 x 45+0.6
dedicated for
transducers
P18, P18D,
P18L
Panel instruments
dimensions [mm]
96 x 96
96 x 48
72 x 72
48 x 96
48 x 48
Fig 1. View of the ATS mount on the DIN rail TS35.
95.9
Fixing
Fig.3. Fixing the sest on the DIN rail TS35
screw clamps
Fig 2. Fixing the panel meter into the adapter.


Similar Part No. - ATS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATS IRF-ATS Datasheet
145Kb / 10P
HIGH RELIABILITY DC/DC CONVERTER
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
ATS CK-COMPONENTS-ATS Datasheet
280Kb / 3P
Anti-Tampering Detect Switches
3 Sep 20
logo
YAGEO Corporation
ATS YAGEO-ATS Datasheet
425Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
logo
TOKYO KEISO CO.,LTD.
ATS KEISO-ATS Datasheet
111Kb / 2P
Multi-points and averaging temperature sensor
Oct 2017
More results

Similar Description - ATS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS-255L ETC1-ATS-255L Datasheet
31Kb / 1P
ATS-255L
logo
Advanced Thermal Soluti...
ATS406101014-EXL-7-R1 ATS-ATS406101014-EXL-7-R1 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL14-300-R0 ATS-ATS-EXL14-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL15-300-R0 ATS-ATS-EXL15-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
REV1_0908
ATS-EXL17-300-R0 ATS-ATS-EXL17-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
REV1_0908
ATS-EXL20-150-R0 ATS-ATS-EXL20-150-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
logo
CTS Corporation
ATS16B CTS-ATS16B Datasheet
182Kb / 6P
ATS/ATS-SM Series Quartz Crystal
ATS050B CTS-ATS050B Datasheet
182Kb / 6P
ATS ATS-SM Series
logo
Glenair, Inc.
440M-135 GLENAIR-440M-135 Datasheet
231Kb / 1P
Rotatable Coupling Band-Master ATS Thread-On Adapter
440MS134 GLENAIR-440MS134 Datasheet
216Kb / 1P
Environmental Direct Coupling Band-Master ATS Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com