Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 2 Page - LUMEL S.A.

Part # ATS
Description  Adapter ats
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ATS Datasheet(HTML) 2 Page - LUMEL S.A.

  ATS Datasheet HTML 1Page - LUMEL S.A. ATS Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
English: +48 68 32 95
302 / 321 / 276 / 386 / 233
Russian: +48 68 32 95 321
Fax:
+48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
ATS-19_en
AdApter Ats for din rail TS35
ATS adapter holder design allows for easy disassembly of the
set. In order to do this, simultaneously press the two protruding
parts (at the top or bottom of the holder) and by pivoting the set
remove it from the rail (Figure 4).
Order example:
The code: ATS 400 means:
ATS - adapter dor DIN rail TS35
4 - mounting hole 45 mm x 92 mm
00 - standard version.
* - the code will be established by the manufacturer
Disassembly
Ordering
Fig.4 Disassembly of the set.
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
View and dimensions of the adpater dedicated for P18 transducers
Fixing of adapter dedicated for P18 transducers
Fig.5 View and dimensions of the adpater dedicated for P18 transducers
Fig.6 Fixing of adapter for transducers P18.
Adapter TS35
ATS
X XX
Mounting hole acc. DIN IEC 61554 X[mm] x Y [mm]:
92+0.8 x 92+0.8
1
92+0.8 x 45+0.6
2
68+0.7 x 68+0.7
3
45+0.6 x 92+0.8
4
45+0.6 x 45+0.6
5
for transducers P18, P18D, P18L
6
Version:
standard
00
custom-made*
XX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com