Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB332X Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB332X
Description  Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB332X Datasheet(HTML) 4 Page - SMSC Corporation

  USB332X Datasheet HTML 1Page - SMSC Corporation USB332X Datasheet HTML 2Page - SMSC Corporation USB332X Datasheet HTML 3Page - SMSC Corporation USB332X Datasheet HTML 4Page - SMSC Corporation USB332X Datasheet HTML 5Page - SMSC Corporation USB332X Datasheet HTML 6Page - SMSC Corporation USB332X Datasheet HTML 7Page - SMSC Corporation USB332X Datasheet HTML 8Page - SMSC Corporation USB332X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 0.3 (02-04-08)
4
SMSC USB332x
PRODUCT PREVIEW
The USB332x includes an integrated 3.3V LDO regulator that may optionally be used to generate 3.3V
from power applied at the VBAT pin. The voltage on the VBAT pin can range from 3.1 to 5.5V. The
regulator dropout voltage is less than 100mV which allows the PHY to continue USB signaling when
the voltage on VBAT drops to 3.1V. The USB transceiver will continue to operate at lower voltages,
although some parameters may be outside the limits of the USB specifications. If the user would like
to provide a 3.3V supply to the USB332x, the VBAT and VDD33 pins should be connected together.
The USB332x also includes integrated pull-up resistors that can be used for detecting the attachment
of a USB Charger. By sensing the attachment to a USB Charger, a product using the USB332x can
charge its battery at more than the 500mA allowed when charging from a USB Host.
In USB UART mode, the USB332x DP and DM pins are redefined to enable pass-through of
asynchronous serial data. The USB332x can only enter UART mode when the user programs the part
into this mode.
In USB audio mode, a switch connects the DP pin to the SPK_R pin, and another switch connects he
DM pin to the SPK_L pin. The USB332x can be configured to enter USB audio mode. In addition,
these switches are on when the RESETB pin of the USB332x is asserted. The USB audio mode
enables audio signalling from a single USB port of connection, and the switches may also be used to
connect Full Speed USB from another PHY onto the USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com