Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB332X Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB332X
Description  Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB332X Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB332X Datasheet HTML 2Page - SMSC Corporation USB332X Datasheet HTML 3Page - SMSC Corporation USB332X Datasheet HTML 4Page - SMSC Corporation USB332X Datasheet HTML 5Page - SMSC Corporation USB332X Datasheet HTML 6Page - SMSC Corporation USB332X Datasheet HTML 7Page - SMSC Corporation USB332X Datasheet HTML 8Page - SMSC Corporation USB332X Datasheet HTML 9Page - SMSC Corporation USB332X Datasheet HTML 10Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
SMSC USB332x
7
Revision 0.3 (02-04-08)
PRODUCT PREVIEW
A3
STP
Input,
CMOS
High
The Link asserts STP for one clock cycle
to stop the data stream currently on the
bus. If the Link is sending data to the
PHY, STP indicates the last byte of data
was on the bus in the previous cycle.
B3
VDD18
Power
N/A
External 1.8V Supply input pin. This pad
needs to be bypassed with a 0.1uF
capacitor to ground, placed as close as
possible to the USB332x.
B2
RESETB
Input,
CMOS,
Low
When low, the part is suspended with all
ULPI outputs tri-stated. When high, the
USB332x will operate as a normal ULPI
device. The state of this pin may be
changed asynchronously to the clock
signals. When asserted for a minimum of
1 microsecond and then de-asserted, the
ULPI registers are reset to their default
state and all internal state machines are
reset.
A2
REFCLK
Input,
CMOS
N/A
ULPI Clock Out Mode:
Model-specific reference clock.
See ORDER NUMBER(S): on page 2.
ULPI Clock In Mode:
60MHz ULPI clock input.
A1
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an
8.06k
Ω (±1%) resistor to ground, placed
as close as possible to the USB332x.
Nominal voltage during ULPI operation is
0.8V.
C3
GND
Ground
N/A
Ground.
Table 1 USB332x Pin Description (continued)
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com