Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2240 Datasheet HTML 9Page - SMSC Corporation USB2240 Datasheet HTML 10Page - SMSC Corporation USB2240 Datasheet HTML 11Page - SMSC Corporation USB2240 Datasheet HTML 12Page - SMSC Corporation USB2240 Datasheet HTML 13Page - SMSC Corporation USB2240 Datasheet HTML 14Page - SMSC Corporation USB2240 Datasheet HTML 15Page - SMSC Corporation USB2240 Datasheet HTML 16Page - SMSC Corporation USB2240 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2240/USB2241
13
Revision 2.6 (05-08-08)
DATASHEET
Chapter 5 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. When “n” is not present before the signal name, the signal is asserted at the
high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signals. The term assert, or assertion, indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation, indicates that a signal is inactive.
5.1
Pin Descriptions
Table 5.1 USB2240/USB2241 36-Pin QFN Pin Descriptions
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION
xD INTERFACE (APPLIES ONLY TO USB2240)
xD Data
xD_D[7:0]
20
23
25
30
4
5
7
8
I/O12PD
The bi-directional data signal has an internal weak
pull-down resistor.
xD Write
Protect
xD_nWP
9
O12PD
This pin is an active low write protect signal for the
xD device. This pin has a weak pull-down resistor
that is permanently enabled.
xD Address
Strobe
xD_ALE
10
O12PD
This pin is an active high Address Latch Enable
signal for the xD device.
This pin has a weak pull-down resistor that is
permanently enabled.
xD Command
Strobe
xD_CLE
11
O12PD
This pin is an active high Command Latch Enable
signal for the xD device.
This pin has a weak pull-down resistor that is
permanently enabled.
xD Read
Enable
xD_nRE
16
O12PU
This pin is an active low read strobe signal for xD
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET, and is controlled by the SM_PU
bit of the SM_CTL register.
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external
pull-ups must be used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com