Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2240 Datasheet HTML 1Page - SMSC Corporation USB2240 Datasheet HTML 2Page - SMSC Corporation USB2240 Datasheet HTML 3Page - SMSC Corporation USB2240 Datasheet HTML 4Page - SMSC Corporation USB2240 Datasheet HTML 5Page - SMSC Corporation USB2240 Datasheet HTML 6Page - SMSC Corporation USB2240 Datasheet HTML 7Page - SMSC Corporation USB2240 Datasheet HTML 8Page - SMSC Corporation USB2240 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SMSC USB2240/USB2241
DATASHEET
Revision 2.6 (05-08-08)
Datasheet
PRODUCT FEATURES
USB2240/USB2241
Ultra Fast USB 2.0 Multi-Format
Flash Media Controller
General Description
The SMSC USB2240/USB2241 is a USB 2.0 compliant, high
speed Mass Storage Class Peripheral Controller intended for
reading and writing to more than 20 popular flash media
formats from the xD Picture CardTM (xD)1, Memory StickTM
(MS), Secure Digital (SD), and MultiMediaCardTM (MMC)
families.
The SMSC USB2240/USB2241 is a fully integrated, single
chip solution capable of ultra high performance operation.
Average sustained transfer rates exceeding 35MB/s are
possible if the media and host can support those rates.
General Features
36-pin QFN lead-free RoHS compliant package
Targeted for applications in which single or "combo"
media sockets are used
Hardware-controlled data flow architecture for all self-
mapped media
Pipelined hardware support for access to non-self-
mapped media
Hardware Features
Single Chip Flash Media Controller with multiplexed
interface for use with “combo” card sockets
— Memory Stick Specification 1.43
— Memory Stick Pro Format Specification 1.02
— Memory Stick Pro-HG Duo Format Specification 1.01
–
Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
— xD Picture Card 1.2
— Secure Digital 2.0
–
HS-SD, HC-SD, TransFlash™ and reduced form factor
media
— MultiMediaCard Specification 4.2
–
1/4/8 bit MMC
SDIO and MMC Streaming Mode support
Extended configuration options
— xD player mode operation
— Socket switch polarities, etc.
Media Activity LED
GPIO configuration and polarity
— Up to 8 GPIOs for special function use: LED indicators,
power control to memory devices, etc. The number of
actual GPIO’s depends on the implementation
configuration used.
— One GPIO with up to 200 mA drive.
On Board 24MHz Crystal Driver Circuit
Optional external 24MHz clock input
Internal Card Power FET
— 200mA
— "Fold-back" short circuit current protected
8051 8-bit microprocessor
— 60MHz - single cycle execution
— 64KB ROM; 14KB RAM
Internal Regulator for 1.8V core operation
Optimized pinout improves signal routing, easing
implementation and allowing for improved signal integrity.
Mask Programmable Features
VID/PID/Language ID
28-character Manufacturer ID and Product string
12-hex digit (max) Serial Number string
Customizable Vendor specific data LED blink interval or
duration
Software Features
Optimized for low latency interrupt handling
Reduced memory footprint
Please see the USB2240/USB2241 Software Release
Notes for additional Software Features
Applications
Flash Media Card Reader/Writer
Printers
Desktop and Mobile PCs
Consumer A/V
Media Players/Viewers
Vista ReadyBoostTM
Compatible with Microsoft Vista, Windows XP, Windows
ME, Windows 2K SP4, Apple OSx, and Linux Mass
Storage Class Drivers
1.) xD Picture Card not applicable to USB2241


Similar Part No. - USB2240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2240 MICROCHIP-USB2240 Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format
01/27/15
USB2240-AEZG MICROCHIP-USB2240-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2240-AEZG-TR MICROCHIP-USB2240-AEZG-TR Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2240I-AEZG MICROCHIP-USB2240I-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2240I-AEZG-TR MICROCHIP-USB2240I-AEZG-TR Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
More results

Similar Description - USB2240

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2240 MICROCHIP-USB2240 Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format
01/27/15
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB224X MICROCHIP-USB224X Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com