Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2250 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2250 Datasheet HTML 9Page - SMSC Corporation USB2250 Datasheet HTML 10Page - SMSC Corporation USB2250 Datasheet HTML 11Page - SMSC Corporation USB2250 Datasheet HTML 12Page - SMSC Corporation USB2250 Datasheet HTML 13Page - SMSC Corporation USB2250 Datasheet HTML 14Page - SMSC Corporation USB2250 Datasheet HTML 15Page - SMSC Corporation USB2250 Datasheet HTML 16Page - SMSC Corporation USB2250 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2250/51/59
13
Revision 2.6 (05-08-08)
DATASHEET
Chapter 4 Pin Configuration
Figure 4.1 USB2250/51/59 128-Pin VTQFP Diagram
97
MS_D6
98
GPIO12 (MS_INS)
99
MS_D3
100
MS_D7
101
MS_SCLK
102
VSS
103
TEST
104
VDD33
105
GPIO6 (SD_WP)
106
MA7
107
MA13
108
MA6
109
MA8
110
MA5
111
MA9
112
MA4
113
MA11
114
MA3
115
nMRD
116
MA2
117
CF_DMARQ / RXD / GPIO2
118
GPIO4 (SCL)
119
CF_DMACK / TXD / GPIO7
120
LED1 / GPIO1
121
GPIO3 (VBUS_DET)
122
VSS
123
XTAL2
124
XTAL1 (CLKIN)
125
VDD18PLL
126
VSS
127
RBIAS
128
VDDA33
64
nRESET
63
CF_D5 / GPIO21
62
CF_D12 / GPIO28
61
CF_D4 / GPIO20
60
CF_D11 / GPIO27
59
CF_D3 / GPIO19
58
GPIO13 (CF_nCD)
57
GPIO14 (SM_nCD)
56
SM_nB/R
55
SM_nRE
54
SM_nCE
53
SM_CLE
52
SM_ALE
51
VSS
50
VDD33
49
VDD18
48
SM_nWE
47
SM_nWP
46
SM_D0
45
SM_D1
44
SM_D2
43
SM_D3
42
SM_D4
41
SM_D5
40
SM_D6
39
SM_D7
38
SM_nWPS
37
MD0
36
MD1
35
MD2
34
MD3
33
MD7
SMSC
USB225X
128 VTQFP
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com