Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2250 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB2250 Datasheet HTML 28Page - SMSC Corporation USB2250 Datasheet HTML 29Page - SMSC Corporation USB2250 Datasheet HTML 30Page - SMSC Corporation USB2250 Datasheet HTML 31Page - SMSC Corporation USB2250 Datasheet HTML 32Page - SMSC Corporation USB2250 Datasheet HTML 33Page - SMSC Corporation USB2250 Datasheet HTML 34Page - SMSC Corporation USB2250 Datasheet HTML 35Page - SMSC Corporation USB2250 Datasheet HTML 36Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
32
SMSC USB2250/51/59
DATASHEET
Note 7.5
Output leakage is measured with the current pins in high impedance.
Note 7.6
See The USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 7.7
RBIAS is a 3.3V tolerant analog pin.
Note 7.8
Output current range is controlled by program software.
Note 7.9
The assignment of each Integrated Card Power FET to a designated Card Connector is
controlled by both firmware and the specific board implementation. Firmware will default to
I/O12, I/O12PU & I/O12PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
μA
μA
IOL = 12mA @
VDD33= 3.3V
IOH = -12mA @
VDD33= 3.3V
VIN = 0 to VDD33
(Note 7.5)
IO-U
(Note 7.6)
I-R
(Note 7.7)
I/O200
Integrated Power FET for
GPIO8, GPIO9, GPIO10, &
GPIO11
High Output Current Mode
Short Circuit Current Limit 200mA
Low Output Current Mode
Short Circuit Current Limit 100mA
(Note 7.8)
On Resistance
(Note 7.8)
Output Voltage Rise Time
IOUT
ISC200
IOUT
ISC100
RDSON
tDSON
200
100
TBD
TBD
2.1
800
mA
mA
mA
mA
Ω
μs
VdropFET = 0.46V
VoutFET = 0V
VdropFET = 0.23V
VoutFET = 0V
IFET = 70mA
CLOAD = 10μF
Supply Current Unconfigured
ICCINIT
80
90
mA
Supply Current Active
Full Speed
High Speed
ICC
ICC
110
135
140
165
mA
mA
VDD, VDDP = 1.8V
VDD33, VDDA = 3.3V
Supply Current Standby
ICSBY
350
750
µA
VDD, VDDP = 1.8V
VDD33, VDDA = 3.3V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com