Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGTH50TK65 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # RGTH50TK65
Description  Field Stop Trench IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

RGTH50TK65 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  RGTH50TK65 Datasheet HTML 1Page - Inchange Semiconductor Company Limited RGTH50TK65 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2315
eq RGTH50TK65
Field Stop Trench IGBT
www.iscsemi.com
1
DESCRIPTION
· Low Saturation Voltage:VCE(sat)=2.1V@IC= 25A
· High Speed Switching
· With Integrated Fast Recovery Diode
APPLICATIONS
· Inverter Circuit
· UPS,PFC
· Bridge Circuit
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
650
V
VGES
Gate-Emitter Voltage
±
30
V
IC
Collector Current-Continuous
@ TC=25℃
26
A
IC
Collector Current-Continuous
@ TC=100℃
16
A
ICM
Pulsed Collector Current
100
A
PD
Power Dissipation @TC=25℃
59
W
Tj
Operating Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-40~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case IGBT
2.51
℃
/W


Similar Part No. - RGTH50TK65

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH50TK65 ROHM-RGTH50TK65 Datasheet
740Kb / 11P
650V 25A Field Stop Trench IGBT
RGTH50TK65D ROHM-RGTH50TK65D Datasheet
882Kb / 13P
650V 25A Field Stop Trench IGBT
More results

Similar Description - RGTH50TK65

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
CoolMOS & Trench Field Stop IGBT
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
logo
ON Semiconductor
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
Field Stop Trench IGBT
February 2017 Rev. 1.0
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com