Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C100 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C100
Description  1007 DC Millivolt Potentiometer and Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C100 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C100 Datasheet HTML 1Page - Time Electronics Ltd. C100 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1007 DC Millivolt Potentiometer and Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 1007 is a versatile portable calibrator that can be used for potentiometric
voltage measurement in addition to its operation as a millivolt source. The null
zero and sensitivity are adjustable via front panel controls. Maximum sensitivity
enables null balance to resolve 3 microvolt.
Three output ranges are provided to give adjustable output values from 1 µV
to 1 V with a basic 0.02 % accuracy. For signal injection, the operator needs to
switch on, check the battery condition, select the range, and set the required
voltage using the thumbwheel switches. The 1007 uses a precision reference
diode and low temperature coefficient resistors to give a highly stable output.
Power is provided by 6 AA batteries. Battery life is several months, depending
on usage. The battery condition is monitored by an indicator situated on the
top of the unit. The 1007 has up to 20 mA drive current and is short circuit and
overload protected. An off/normal/reverse output polarity switch is provided.
Safety Terminals: Fitted as standard and fully compatible with 4 mm
shrouded plugs, as well as standard plugs, bare wires, and spade terminals.
Added Protection: The 1007 comes fitted with an ergonomic rubber cover
providing increased protection and durability. It has a textured grip for
comfortable handling and openings at the top and bottom to allow access
to the battery indicator and a position to place labels if required. It is easy
to remove if the user prefers a stand-alone unit or to house the 1007 in the
optional 9027 carry case.
Applications
Suitable for calibration and simulation of thermocouples. Accurate voltages
equivalent to the output from a thermocouple can be set quickly and easily
on the 1007, enabling fast calibration of temperature measuring equipment.
Alternatively, the 1007 can measure thermocouples output by operating as
a potentiometer. Other applications include chart recorder calibration, A/D
converter and multimeter calibration, and use as a stable voltage for
backing off DC offsets.
Features
• 3 ranges up to 1 V
• Accuracy 0.02 %
• 20 mA output current
• Best resolution 1 µV
• Short circuit and overload protected
• LED null measuring facility
• Removable protective cover
• Powered by 6 x AA batteries
• 100 hours typical battery life
• Optional carry case


Similar Part No. - C100

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C100 CDIL-C100 Datasheet
88Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Amphenol Corporation
C100 AMPHENOL-C100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Chauvin Arnoux Metrix
C100 CHAUVINARNOUX-C100 Datasheet
506Kb / 18P
Pinces ampèremetriques Current clamps for AC current
logo
Time Electronics Ltd.
C100 TIME-ELECTRONICS-C100 Datasheet
456Kb / 2P
1006 DC Millivolt Source
06/22
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
Time Delay Integration Camera
More results

Similar Description - C100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B31 AD-5B31 Datasheet
700Kb / 8P
Millivolt and Voltage Input
5B40 AD-5B40 Datasheet
695Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
logo
Good Will Instrument Co...
GVT-427B GWINSTEK-GVT-427B Datasheet
561Kb / 1P
AC MILLIVOLT METER
logo
M-System Co.,Ltd.
R3-SV8A MSYSTEM-R3-SV8A Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.3 PF-S1SD-1AI-1U.3 Datasheet
813Kb / 4P
Millivolt Converter
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com