Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9161 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9161
Description  1066 High Power Resistance Load
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9161 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9161 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V5 15/2/06
• 0.05 ohm to 99.95 ohm
• 500W dissipation
• AC/DC 0 - 100KHz
• In-line readout
• Over-Temp indicator
• Over-Current cut out
• 5% accurate
• 1% load stability
• Fully screened
• 19” Rack mount option
Introduction
The 1066 is a passive high power precision
resistive load. It has a 3.5 decade setting resolution.
The lowest dial allows 0.05 ohm steps.
Accuracy is 5% and a 1% stability is maintained on
load. Up to 500W can be dissipated for periods up
to several minutes.
A flashing over-temp indicator lets the user know
the allowed internal temperature has been
exceeded.
The maximum allowable current is 40A, a front
panel automatic cut-out switch is set to this value.
Forced air cooling keeps the resistive elements
cool.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.co.uk
Specifications
Ordering Information
Description
Order Code
High Power Resistance Load
1066
N.P.L. Traceable Calibration Certificate
9161
UKAS Calibration Certificate
9114
19” rack mount adapter kit
1066 High Power Resistance Load
Time Electronics
Calibration, Test & Measurement
Resistance Range:
0.05 ohm to 99.95 ohm
No. of Decades:
3
Increment:
0.05 ohm steps
Accuracy:
0.05 ohm decade ± 10%
1 ohm decade ± 5%
10 ohm decade ±5%
Power Rating:
Each resistor is rated 100W
500W total for several mins
Max current 40A
Temp Coefficient:
Less than 50 ppm per °C
Maximum Voltage:
250 V AC/DC
Residual Resistance:
Less than 20 milli ohm
Variation:
Less than 1 milli ohm
Power:
230V AC (+/-7%)
50/60Hz
Dimensions:
43cm x 25cm x 15cm
(17” x 10” x 6”)
Weight:
11Kg (15 lbs)
Optional Extras:
Calibration Certificates
NPL traceable or UKAS
19” rack adapter kit


Similar Part No. - 9161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9161 ETC2-9161 Datasheet
144Kb / 1P
ACCEPTS 8-PIN S.O.I.C FOR GENERAL PURPOSE PROTOTYPE AND DEVELOPMENT
9161 ETC2-9161 Datasheet
153Kb / 1P
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs PERIPHERAL BREADBOARDING AREA
logo
Belden Inc.
9161 BELDEN-9161 Datasheet
207Kb / 2P
Electronic, 8 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
logo
Heyco.
9161 HEYCO-9161 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Time Electronics Ltd.
9161 TIME-ELECTRONICS-9161 Datasheet
49Kb / 1P
1040 Decade Resistance Box
V1c 04/05/09
More results

Similar Description - 9161

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
logo
Sharp Corporation
PC81100NSZ0F SHARP-PC81100NSZ0F Datasheet
234Kb / 14P
DIP 4pin High Speed under High Load Resistance Photocoupler
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Richtek Technology Corp...
RT9745A RICHTEK-RT9745A Datasheet
243Kb / 16P
Low Resistance Load Switch
logo
Texas Instruments
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
52Ohm On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com