Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9541 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9541
Description  5011 Resistance and Temperature Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9541 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9541 Datasheet HTML 1Page - Time Electronics Ltd. 9541 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
5011 Resistance and Temperature Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A versatile, high accuracy calibrator that can be used in a wide range of
applications across various industries. Primarily used as a programmable
resistance and RTD source, the 5011 provides precision resistance with a
best accuracy of 0.01 % and 1 mΩ resolution (50 Ω to 1 kΩ).
Internal options for increased capabilities can be fitted as per customer
requirement. These include DC voltage and thermocouple simulation, DC
current, and frequency. The 5011 can be used to cover a wide workload as a
laboratory calibrator or be incorporated into an automated test system. A rack
mount kit option is also available.
Simple operation and clear visual display
Front panel operation allows the user to quickly set the function and output
required. Using the jog / shuttle dial deviation the user can finely adjust the
output value as a percentage (± 9.99 %). All this information is shown on a
clear, easy to read LED display. As standard the 5011 uses a SCPI command
structure for programming. It also supports the Time Electronics 9811/19/20
command set making it an ideal replacement for these legacy models.
Flexible options
A range of internally fitted options are available for the 5011, providing added
functionality and features. The DCV / Thermocouple option provides a DC
voltage source (± 20 V) and simulates thermocouple types K, J, T, R, S, N, E
and B. With the DC current option fitted the 5011 can source up to 220 mA.
This makes the instrument ideal for accurate process control calibration.
Also available is a 0.1Hz to 10MHz frequency option (Period 100 ns to 10 s).
The output is variable with a best resolution setting of 0.1 Hz.
Features
• 1 Ω to 120 MΩ
• 100 ppm basic accuracy
• RTD simulation
• Optional Thermocouple Simulation
• DCV and DCI options
• 10 MHz frequency option
• RS-232, GPIB, USB interfaces
• Front panel operation
• PC/laptop control via EasyCal software
EasyCal Calibration Software
The 5011 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This
provides increased speed of calibration and consistency
of results.Produce traceable calibration certificates and
test reports for quality standards with additional
uncertainty information for ISO 17025 conformance.


Similar Part No. - 9541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9541 ETC1-9541 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Festo Corporation.
9541 FESTO-9541 Datasheet
81Kb / 2P
Ball valve
4/15/22
logo
Belden Inc.
9541 BELDEN-9541 Datasheet
163Kb / 2P
RS232, #24-15c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
logo
Keystone Electronics Co...
9541 KEYSTONE-9541 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Time Electronics Ltd.
9541 TIME-ELECTRONICS-9541 Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
More results

Similar Description - 9541

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BMS-5011 DBLECTRO-BMS-5011 Datasheet
93Kb / 1P
BMS-5011
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
PHOENIX CONTACT
2902049 PHOENIX-2902049 Datasheet
445Kb / 16P
Temperature transducers for resistance thermometers and remote resistance-type sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com