Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9541 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9541
Description  5011 Resistance and Temperature Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9541 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9541 Datasheet HTML 1Page - Time Electronics Ltd. 9541 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
5011 Resistance and Temperature Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2c
06/22
Technical Specifications
Standard features
Resistance
Range
Accuracy
Resolution
1 Ω to 20 Ω
0.01 % ± 10 mΩ
1 Ω
20 Ω to 99.999 Ω
0.01 % ± 10 mΩ
1 mΩ / 5 mΩ*
100 Ω to 999.999 Ω
0.01 % ± 8 mΩ
1 mΩ
1 kΩ to 9.999 kΩ
0.02 % ± 23 mΩ
1 Ω
10 kΩ to 99.999 kΩ
0.01 % ± 1 Ω
1 Ω
100 kΩ to 999.99 kΩ
0.01 % ± 10 Ω
10 Ω
1 MΩ to 9.9999 MΩ
0.02 % ± 100 Ω
100 Ω
10 MΩ to 120 MΩ
0.1 % ± 1 kΩ
1 kΩ
Temperature coefficient ..................................................less than 50 ppm/°C
Power rating......................................................................... 0.1 W per resistor
Maximum voltage ....................................................................................250 V
Resistance switch Time ....................................................................... 250 μs
Operation time..................................................................................... 300 ms
* Output setting resolution below 50 Ω is 5 mΩ
PRT Simulation
RTD Type
Alpha coeff
Range
Accuracy
Pt100
0.003850
-180 to -100 °C
0.1 °C
Pt100
0.003850
-100 to 850 °C
0.05 °C
It should be noted that the accuracy of the PRT simulation is determined by the
accuracy of the PRT tables (BS EN 60751) published by the British Standards
Institute. The 5011 uses precise digital interpretation of the tables to output
resistance values that are within the accuracies specified in the table.
General Specifications
Warm up ................................................................30 minutes to full accuracy.
Settling time ................................................................... Less than 5 seconds.
Standard interfaces.......................................GPIB (IEEE-488), RS-232, USB.
Temperature performance............................................Operating: 0 to 40 °C.
........................................................................................Full Spec: 23 °C ± °C.
................................................................................... Storage: –10 °C to 50 °C.
Operating humidity/Altitude ................................... < 80 % non-condensing.
.............................................................................Operating altitude: 0 to 3 km.
....................................................................Non operating altitude: 3 to 12 km.
Line power.............................................................. 100 to 230 V AC 50/60 Hz.
.......................................... Power Consumption 60 W typical, 80 W maximum.
Dimensions ................................. W 450 x D 272 x H 152 mm (18 x 11 x 7 ”).
Weight........................................................................................7 kg (15.4 lbs).
Supplied with ..................... User manual, RS-232 cable, USB adaptor/cable.
(Accuracies quoted are for 1 year at 22 ºC ± 3 ºC)
Options
Thermocouple simulation
Type
Range °C
Accuracy °C
J
-210 to -50 / -50 to 1200
0.15 / 0.2
K
-200 to -100 / -100 to 1372
0.25 / 0.18
T
-200 to 100 / 100 to 400
0.2 / 0.15
R
-50 to 50 / 50 to 250 / 250 to 1768
1 / 0.7 / 0.6
S
-50 to 500 / 500 to 1768
0.9 / 0.6
B
300 to 800 / 800 to 1820
1.5 / 0.8
N
-200 to 0 / 0 to 600 / 600 to 1300
0.4 / 0.15 / 0.2
E
-200 to 0 / 0 to 1000
0.2 / 0.12
Cold Junction Compensation ± 0.5 °C (applies to ambient changes of less than
± 1 °C at 23 °C). The accuracy of the thermocouple simulation is determined by
the accuracy of the 5011’s DC voltage function and the accuracy of the standard
thermocouple tables (BS EN 60584-1) published by the British Standards Institute.
The 5011 uses precise digital interpretation of the tables to output voltage levels
that are within the accuracies specified in the table.
DC Voltage* (9711)
Range
Accuracy
Resolution
0 to 20 mV
40 ppm + 4 μV
0.1 μV
20 to 200 mV
40 ppm + 4 μV
1 μV
0.2 to 2 V
40 ppm + 15 μV
1 μV
2 to 20 V
40 ppm + 75 μV
10 μV
DC Current* (9718, requires 9711 option). Compliance Voltage: 10 V
Range
Accuracy
Resolution
0 to 200 μA
150 ppm + 25 nA
0.1 nA
0.2 to 2 mA
120 ppm + 55 nA
1 nA
2 to 20 mA
120 ppm + 200 nA
10 nA
20 to 200 mA
120 ppm + 2 μA
100 nA
* Specifications apply from 10 to 100 % of range. 10 % over range.
Digital frequency / period (9729)
2 V pk/pk approx 0.1 Hz to 10 MHz / 100 ns to 10 s. Accuracy 20 ppm.
Ordering information
5011..............................................Resistance and Temperature Calibrator
9711.................................... Internal DC voltage and thermocouple simulation
9718........................................................ Internal current option (220 mA max)
9729.................................................Internal frequency option (10 MHz digital)
9728..................................................................... 19 ” Universal rack mount kit
9541......................................................................................Basic test lead set
9796................................................................................ Premium test lead set
C171.................................................Traceable calibration certificate (Factory)
C115.......................................... Accredited calibration certificate (ISO 17025)
9795......................................................................... Printer and connectivity kit
ECFLA ...................................EasyCal Software (see separate datasheet for options)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com