Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9343 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9343
Description  Programmable Multi-Function Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9343 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9343 Datasheet HTML 1Page - Time Electronics Ltd. 9343 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy Recalibration
Recalibration is from the front panel or over the GPIB bus and
takes less than 20 minutes. The Calibration constants are held
in non-volatile memory so that no trimmer settings are
required. A 'cal key' provides calibration security.
EasyCal Calibration Software
A fully automatic calibration station can be configured using
Time Electronics PC based EasyCal software package. The
user’s Instrument/Equipment data base is set up along with a
calibration Procedure data base. Contained in the procedures
are sets of pre-defined calibration tests for each type of
instrument. When an instrument is ready for re-calibration the
system automatically recalls the information and the PC
automatically steps through the tests.. It sets up the calibrator
over the GPIB bus and prompts the user to select the required
range on the unit under test. On completion of the tests the
results (which are calculated using the spec figures held in the
Procedure) are written away to a Results database on the
PC’s hard disk. Calibration certificates to ISO 9000 or Namas
standard can be printed out on demand.
EasyCal software is an optional extra and comes ready to run
on a PC (Pentium + Windows 95 or better) . A GPIB interface
card and cable are also required in the PC – available from
Time Electronics or elsewhere.
Inventory Management
An optional add-on for EasyCal is Inventory Management.
This allows the user to maintain his instrument/equipment
database and keep track of where all the items are,
additionally printed reminders can be sent out when re-
calibrations are due. It is possible to keep records for a variety
of equipment on the database – not only that which is
calibrated by the system.
5022
Programmable Multi-Function Calibrator
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent, TN9 1RH. UK
Telephone: 01732 355993
Fax: 01732 770312
E-Mail: mail@TimeElectronics.co.uk
Web Site: www.TimeElectronics.co.uk
0 - 1 kV AC/DC Voltage
0-10A AC/DC Current
10Ω
– 10MΩ Resistance
GPIB interface
Autocal facility
EasyCal Calibration
Software compatible
The 5022 is a multi-function calibrator, with AC/DC voltage
and current ranges plus resistance. It is suitable for calibration
of digital and analogue multi-meters and a variety of general
purpose measuring instruments.
General Purpose Interface Bus (GPIB)
The interface allows operation remotely from a PC or GPIB
controller. Simple high level programming commands provide
easy setting of range and value. Error condition readback is
also provided.
Offset and Deviation
Offset is used to back off initial zero values on the unit under
test and Deviation allows the output to
be changed
incrementally by
up
to +/-10%. The display then reads
directly in % error which simplifies the calibration process.
Error Detection and Self Test
The internal software constantly monitors the output and
displays and transmits (over the GPIB), error messages on
detection of a fault or overload condition. A built in self-test
program can also be run to check that key internal functions
are operating correctly and help with fault diagnosis.
Six Wave Forms from 15 Hz to 20 kHz in 5 Hz Steps
In addition to DC and AC Sine output, square, trapezoidal,
triangular, ramp up and down waveforms are available. This
enables checking the true 'RMS' performance of multi-meters,
linearity of chart recorders, and amplitude checks on
oscilloscopes.
Additionally, a slow sweep function allows
analogue meters to be checked for sticking of the pointer.
Safe High Voltage Operation
Emphasis has been placed on safety. Output voltages greater
than 50 volts can only be selected after pressing a safety
interlock key. On selection of an output greater than 40V, a
programmed 3 second delay, audio bleep and flashing led,
warns the user.


Similar Part No. - 9343

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9343 3M-9343 Datasheet
137Kb / 4P
3M™ Conformable Sound Management Film 9343
logo
Keystone Electronics Co...
9343 KEYSTONE-9343 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
934337106 BELDEN-934337106 Datasheet
794Kb / 2P
N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 60 V, 5 A, w/ M20x1.5 panel thread, monoblock design
03-13-2024
934386100 BELDEN-934386100 Datasheet
377Kb / 2P
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
logo
KISTLER INSTRUMENT CORP...
9343A KISTLER-9343A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
More results

Similar Description - 9343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Keysight Technologies
U1401B KEYSIGHT-U1401B Datasheet
720Kb / 10P
Multi-function Calibrator/Meter
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com